Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 85Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 86Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 87Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 88Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 89Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 90Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 91Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 92Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 168 page
background image
General Purpose I/O (GPIO) Ports
89
www.national.com
11.3 GPIO PORT REGISTERS
11.3.1
Port Alternate Function Register (PxALT)
The PxALT Register is a byte-wide, read/write register. It de-
termines if the port will be used as a GPIO port or in its alter-
nate function.
When cleared (0), each bit defines the corresponding pin to
serve as a GPIO signal. The output buffer is controlled by
the Direction and Data Output registers. The input buffer is
routed to the Data In Register. In this case, the input buffer
is blocked, except when the buffer is actually being read
When set (1), each bit defines the pin as its alternate func-
tion. The output buffer data and TRI-STATE are controlled
by signals coming from the alternate module. The input buff-
er is always enabled. The pull-up is enabled when both the
PxWPU is set and the alternate function is either input or bi-
directional.
This register is cleared on reset, setting the pins to GPIO
signals.
11.3.2
Port Direction Register (PxDIR)
The PxDIR Register is a byte-wide, read/write register that
configures pin direction.
When cleared (0), each bit defines the corresponding pin to
serve as an input, placing the output buffer in TRI-STATE.
When set (1), each bit defines the pin as an output, enabling
the output buffer.
On reset, PxDIR is cleared (0). This configures all the pins
in port Px as input.
11.3.3
Port Data Out Register (PxDOUT)
The PxDOUT Register is a byte-wide, read/write register. It
holds the data to be driven onto the pin, when the respective
pin is configured as GPIO and its direction is set as output.
Writing this register sets the values of the output pins.
Reading from it returns the last value written to the register.
11.3.4
Port Data In Register (PxDIN)
The PxDIN Register is a byte-wide, read-only register.
Reading from it returns the current value of the port
pins.This register can always be read.
11.3.5
Port Weak Pull-up Register (PxWPU)
The PxWPU Register is a byte-wide, read/write register,
controlling the pin pull-up. The pull-up is enabled when the
corresponding bit of PxWPU is set and the port buffer is in
TRI-STATE. Otherwise, the pull-up is disabled (i.e., high im-
pedance).
When the pin is configured as an input port, this pull-up can
be used to prevent the input from being in an undefined
state. When the pin is configured as an output port, this pull-
up is disabled.
In both GPIO or alternate function, the pin pull-up function
is enabled by PxWPU.
On reset, PxWPU is cleared (0), disabling all pull-ups.
7
0
Px Pins Alternate Function Enable
7
0
Px Port Direction
7
0
Px Port Output Data
7
0
Px Port Input Data
7
0
Px Port Weak Pull-up Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com