Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 68Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 69Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 70Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 71Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 72Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 73Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 74Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 75Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
72
www.national.com
Power On
This is the normal state when the PC87570 is powered on.
This state may be initiated by various events in addition to
physically switching the system on. The PC system and the
PC87570 device are powered by VCC.
Note: The APC does not function when the 32.768 KHz
oscillator is not running.
6.5.4
System Power Switching Logic
In the Power On state, the APC is powered by VCC. If VCC
falls to the level of VCCON, the APC enters the Power Off
state and switches to VBAT.
When power returns after power-off, the APC enables the
generation of an APC-ON interrupt after a delay of 1 sec-
ond.
If VBAT falls below VLOWBAT, the oscillator, timekeeping
functions and APC cease functioning.
If neither VCC or VBAT is available, the system goes to No
Power state. It is initialized when it leaves this state.
6.5.5
APC-ON/APC-OFF Interrupt Signals
The APC checks when activation conditions are met, and
generates the APC-ON/APC-OFF interrupt signals accord-
ingly. The APC-ON/APC-OFF interrupt signals are active-
high pulses.
APC-ON interrupt is generated, when:
• Time Match Enable bit (bit 0 of APCR2) is 1 and there is
a match between the RTC and the time specified in the
pre-determined date registers.
User software must ensure unused date/time fields are
coherent to ensure a reliable comparison of valid bits.
• RING Enable bit (bit 3 of APCR2) is 1 and one of the fol-
lowing occurs:
— Bit 2 of APCR2 is 0 and a high-to-low transition is de-
tected on the RING input pin.
— Bit 2 0f APCR2 is 1 and a train of pulses is detected
on the RING input pin.
APC-OFF interrupt is generated, when:
q
A 1 is written to Software Off Command bit (bit 5 of
APCR1).
6.5.6
Entering Power States
Power Up
When power is first applied to the RTC, the APC registers
are initialized to the default values defined in APCR1,
APCR2 and APSR. See Table 6-5. This situation is defined
by the appearance of VBAT or VCC with no previous power.
The APC powers-up when the RTC supply is applied from
any source. It is in Power On state only when VCC is ap-
plied.
Power Off
The APC is in Power Off state when it is powered by VBAT.
Upon entering Power Off state, the following occurs:
• The RING pin (for detecting telephone line incoming sig-
nals for fax, modem or voice communication) is masked
(high).
The signal remain masked until 1 second after exit from
Power Off state (i.e., 1 second after switching from VBAT
to VCC)..
When the 1 second delay expires, new events can gen-
erate the APC-ON interrupt. In addition, if a time match
occurs during Power Off, the APC “remembers” to send
an APC-ON interrupt.
q
In case Power Off was entered before a host Software
Off Command was executed, an APC-ON interrupt is
generated for RING and/or predetermined wake-up
match events detected prior to entering Power Off
state.
6.5.7
Predetermined Wake-Up
The second, minute and hour values of the pre-determined
wake-up times are contained in the Seconds Alarm, Minutes
Alarm and Hours Alarm registers respectively (register off-
sets 01, 03 and 05 in all banks). The Day of Week, Date of
Month Month, Year and Century of the pre-determined date
is held in Bank 2, registers, offsets 43h-46h and 48h. These
eight registers are compared with the Seconds, Minutes,
Hours, Day of Week, Date of Month, Month, Year and Cen-
tury registers correspondingly (register offsets 00, 02, 04, 06,
07, 08, 09 in all banks and register offset 48 in Bank 1).
6.5.8
Ring Signal Event
An incoming telephone call is an event that may generate
an APC-ON interrupt in order to deal with a pending incom-
ing voice, fax or modem communication.
The PC87570 can detect a RING pulse falling edge, or a
RING pulse train with a frequency of at least 16 Hz that lasts
at least 0.19 seconds.
When APCR2.RPTDM is set, the APC is in a RING pulse
train detection mode and the existence of falling edges on
RING is monitored in time slots of 62.5 ms (16 Hz cycle
time). A RING pulse train detect event occurs if falling
edge(s) of RING are detected in three consecutive time
slots, following a time slot in which no falling edge of RING
is detected.
This method of detecting a RING pulse train filters out (does
not detect) a RING pulse train of less then 11 Hz, might de-
tect a RING pulse train of 11 Hz to 16 Hz, and guarantees
detection of a RING pulse train of at least 16 Hz.
If APCR2.RPTDM is cleared, a single falling edge on the
RING input will generate a RING wakeup event.
6.6
APC REGISTERS
The APC registers reside in the APC Bank 2 memory. The
RAM Lock register also resides in this bank. See Table 6-9
on page 75.
The APC control registers are not affected by system reset.
They are initialized to 0 only when power is applied for the
first time; i.e., application of either VBAT or VCC, when no
previous voltage is present.
Table 6-6. APC Control Registers
Offset
Mnemonic
Register Name
40h
APCR1
APC Control Register 1
41h
APCR2
APC Control Register 2
42h
APSR
APC Status Register
47h
RLR
RAM Lock Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com