Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 65Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 66Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 67Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 68Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 69Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 70Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 71Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 72Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
69
www.national.com
The upper 64 bytes of bank addresses are utilized as fol-
lows:
q
Bank 0 supplies an additional 64 bytes of memory-
backed RAM.
q
Bank 1 uses the upper 64 bytes for functions related
to RTC activity.
q
Bank 2 uses the upper 64 bytes for functions related
to APC activity.
Reserved registers and bits should be written using a read-
modify-write method.
The CRA Register selects the active bank according to the
value of bits 6-4 (DV0-2). See Table 6-4.
All register locations are accessed by the RTC Index and
Data Registers (at base address and base address+1). The
Index Register points to the register location being access-
ed, and the Data Register contains the data to be trans-
ferred to or from the location.
In addition to these register banks, an additional 128 bytes
of battery-backed RAM (also called upper RAM) may be ac-
cessed via two levels of addressing, as follows:
q
The first level is the RTC Index and Data registers.
q
The second level consists of the upper RAM Address
Register, at second level offset 50h of Bank 1, and the
upper RAM Data Register at second level offset 53h of
Bank 1.
There are several ways to lock access to register banks and
RAM. For details, see Section 6.6.4 on page 73.
6.3
RTC REGISTERS
The RTC registers can be accessed at any time during nor-
mal operation mode; i.e.,when VCC is within the recom-
mended operation range. This access is disabled during
battery-backed operation. The write operation to these reg-
isters is also disabled if bit 7 of the CRD Register is 0 (see
Section 6.3.4 on page 71).
Note: Before attempting to perform any start-up proce-
dures, make sure to read about bit 7 (VRT) of the
CRD Register (Section 6.3.4 on page 71).
See Section 6.7 on page 74 for a detailed description of the
memory map for the RTC registers.
This section describes the four RTC Control Registers that
control basic RTC functionality (see Table 6-2). These reg-
isters are shared by all banks.
Table 6-2. RTC Control Registers
Additional configuration registers are located at Table 5-2.
"HBI Registers Accessed by CR16A" on page 54 and Table
5-4. "HBI Registers Accessed by Host" on page 61.
6.3.1
RTC Control Register A (CRA)
This register controls bank selection, among other func-
tions.
Note: This register can not be written before reading bit 7
of the CRD Register.
Bits 3-0 - Periodic Interrupt Rate Select (RS3-0)
These read/write bits select one of fifteen output taps
from the clock divider chain to control the rate of the peri-
odic interrupt. See Table 6-3 and Figure 6-3 on page 66.
These bits are reset at power-up reset only.
Table 6-3. Periodic Interrupt Rate Encoding
Bits 6-4 - Divider Chain Control (DV2-0)l
These read/write bits control the configuration of the di-
vider chain for timing generation and register banks se-
lection. See Table 6-4.
These bits are reset at power-up reset only.
Offset Mnemonic
Register Name
0Ah
CRA
RTC Control Register A
0Bh
CRB
RTC Control Register B
0Ch
CRC
RTC Control Register C
0Dh
CRD
RTC Control Register D
76543210
UIP
DV2
DV1
DV0
RS3
RS2
RS1
RS0
RS
3 2 1 0
Periodic Interrupt
Rate (ms)
Divider
Chain
Output
0 0 0 0
No interrupts
0 0 0 1
3.906250
7
0 0 1 0
7.812500
8
0 0 1 1
0.122070
2
0 1 0 0
0.244141
3
0 1 0 1
0.488281
4
0 1 1 0
0.976562
5
0 1 1 1
1.953125
6
1 0 0 0
3.906250
7
1 0 0 1
7.812500
8
1 0 1 0
15.625000
9
1 0 1 1
31.250000
10
1 1 0 0
62.500000
11
1 1 0 1
125.000000
12
1 1 1 0
250.000000
13
1 1 1 1
500.000000
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com