Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 96Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 97Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 98Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 99Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 100Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 101Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 102Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 103Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
ACCESS.bus (ACB) Interface
100
www.national.com
lem has occurred, it sends a negative acknowledge to
indicate that it can not accept additional data bytes.
13.2.6
Addressing Transfer Formats
Each device on the bus has a unique address. Before any
data is transmitted, the master transmits the address of the
slave being addressed. The slave device should send an
acknowledge signal on the SDA line, once it recognizes its
address.
The address consists of the first seven bits after a Start
Condition. The direction of the data transfer (R/W) depends
on the bit sent after the address - the eighth bit. A low-to-
high transition during a SCL high period indicates the Stop
Condition, and ends the transaction of SDA (Figure 13-5).
When the address is sent, each device in the system com-
pares this address with its own. If there is a match, the de-
vice considers itself addressed and sends an acknowledge
signal. Depending on the state of the R/W bit (1:read,
0:write), the device acts as a transmitter or a receiver.
The I2C bus protocol allows sending a general call address
to all slaves connected to the bus. The first byte sent spec-
ifies the general call address (00h) and the second byte
specifies the meaning of the general call (for example,
“Write slave address by software only”). Those slaves that
require the data acknowledge the call and become slave re-
ceivers; the other slaves ignore the call.
13.2.7
Arbitration on the Bus
Multiple master devices on the bus, require arbitration be-
tween their conflicting bus-access demands. Control of the
bus is initially determined according to address bits and
clock cycle. If the masters are trying to address the same
slave, data comparisons determine the outcome of this ar-
bitration. In master mode, the device immediately aborts a
transaction if the value sampled on the SDA line differs from
the value driven by the device. (An exception to this rule is
SDA while receiving data). In this cases the lines may be
driven low by the slave without causing an abort).
The SCL signal is monitored for clock synchronization and
to allow the slave to stall the bus. The actual clock period is
the one set by the master with the longest clock period or by
the slave stall period. The clock high period is determined
by the master with the shortest clock high period.
When an abort occurs during the address transmission, a
master that identifies the conflict, should give-up the bus
and switch to slave mode and continue to sample SDA to
see if it is being addressed by the winning master on the
bus.
13.3 FUNCTIONAL DESCRIPTION
The ACB module provides the physical layer for an AC-
CESS.bus compliant serial interface. The module is config-
urable as either a master or slave device. As a slave device,
the ACB module may issue a request to become the bus
master.
13.3.1
Master Mode
Requesting Bus Mastership
An ACCESS.bus transaction starts with a master device re-
questing bus mastership. It asserts a Start Condition, fol-
lowed by the address of the device it wants to access. If this
transaction is successfully completed, the software may as-
sume that the device has become the bus master.
For the device to become the bus master, the software
should perform the following steps:
q
Configure ACBCTL1.INTEN to the desired operation
mode (Polling or Interrupt) and Set ACBCTL1.START.
This causes the ACB to issue a Start Condition on the
ACCESS.bus, as soon as the ACCESS.bus is free
(ACBCST.BB=0 or other conditions that can delay
start). It then stalls the bus by holding SCL low.
q
If a bus conflict is detected, (i.e., some other device
pulls down the SCL signal before the PC87570 does),
ACBST.BER is set.
q
If there is no bus conflict, ACBST.MASTER and ACB-
ST.SDAST are set.
q
If ACBCTL1.INTEN is set, and either ACBST.BER or
ACBST.SDAST is set, an interrupt is sent to the
CR16A.
Sending the Address Byte
Once the PC87570 is the active master of the ACCESS.bus
(ACBST.MASTER is set), it can send the address on the
bus.
The address sent should not be the PC87570’s own ad-
dress, as defined in ACBADDR.ADDR, if ACBADDR.SAEN
is set, nor should it be the global call address if ACB-
ST.GMTCH.GMTCH is set.
To send the address byte use the following sequence:
q
For a receive transaction where the software requires
only one byte of data, it should set the ACBCTL1.ACK
bit. If only an address needs to be sent (for quick
Read/Write protocols, e.g.) or if the device requires
stall for some other reason, set the ACBCTL1.STAS-
TRE bit to 1.
q
Write the address byte (7-bit target device address),
and the direction bit, to the ACBSDA register. This
causes the module to generate a transaction. At the
end of this transaction, the acknowledge bit received is
copied to ACBST.NEGACK. During the transaction the
SDA and SCL lines are continuously checked for con-
flict with other devices. If a conflict is detected, the
transaction is aborted, ACBST.BER is set, and ACB-
ST.MASTER is cleared.
q
If ACBCTL1.STASTRE is set and the transaction was
successfully completed (i.e., both ACBST.BER and
ACBST.NEGACK are cleared), ACBST.STASTR is set.
In this case, the ACB stalls any further ACCESS.bus
operations (i.e., holds SCL low). If ACBCTL1.INTEN is
set, it also sends an interrupt to the core.
q
If the requested direction is transmit, and the start
transaction was completed successfully (i.e., neither
ACBST.NEGACK nor ACBST.BER is set, and no other
master has accessed the device), ACBST.SDAST is
set to indicate that the module awaits attention.
q
If the requested direction is receive, the start transac-
tion was completed successfully and ACBCTL1.STAS-
TRE is cleared, the module starts receiving the first
byte automatically.
q
Check that both ACBST.BER and ACBST.NEGACK
are cleared. If the ACBCTL1.INTEN bit is set, an inter-
rupt is generated when either ACBST.BER or ACB-
ST.NEGACK is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com