Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 100Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 101Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 102Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 103Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 104Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 105Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 106Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 107Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 168 page
background image
ACCESS.bus (ACB) Interface
104
www.national.com
13.4.4
ACB Control Register 1 (ACBCTL)
The ACBCTL1 Register is a byte-wide, read/write register
that configures and controls the ACB module. Upon reset,
the ACBCTL1 is cleared (00h)
Bit 0 - START
This bit should be set when a Start Condition needs to
be generated on the ACCESS.bus.
-
If the PC87570 is not the active master of the bus
(ACBST.MASTER=0), setting START generates a
Start Condition as soon as the ACCESS.bus is free
(ACBCST.BB=0). An address transmission se-
quence should then be performed.
-
If the PC87570 is the active master of the bus
(ACBST.MASTER=1), when START is set, a write
to the ACBSDA register generates a Start Condi-
tion, then the ACBSDA data is transmitted as the
slave’s address and the requested transfer direc-
tion.
This case is a repeated Start Condition. It may be
used to switch the direction of the data flow be-
tween the master and the slave, or to choose an-
other slave device without using a Stop Condition
in between.
The START bit is cleared when the Start Condition is
sent, or on detection of a Bus Error (ACBST.BER=1).
This bit should be set only when in Master mode, or
when requesting Master mode.
Bit 1 - STOP
In master mode, setting this bit generates a Stop Condi-
tion that completes or aborts the current message trans-
fer. This bit clears itself after the STOP is issued.
Bit 2 - Interrupt Enable (INTEN)
When INTEN is cleared (0), the ACB interrupt is dis-
abled. When INTEN is set, interrupts are enabled. An in-
terrupt is generated (the interrupt signals to the ICU are
high) on one of the following events:
-
An
address
match
is
detected
(ACB-
ST.NMATCH=1) and NMINTE=1
-
A Bus Error occurs (ACBST.BERR=1)
-
A negative acknowledge is received after sending a
byte (ACBST.NEGACK=1).
-
Acknowledgment of each transaction (same as the
hardware set of the ACBST.SDAST bit).
-
In master mode, if ACBCTL1.STASTRE=1, after a
successful start (ACBST.STASTR=1).
-
Detection of a Stop Condition while in slave mode
(ACBST.SLVSTP=1).
Bit 4 - Receive Acknowledge (ACK)
When acting as a receiver, this bit holds the value of the
next acknowledge cycle. It should be set when a nega-
tive acknowledge must be issued on the next byte. This
bit is cleared (0) after the first acknowledge cycle.
This bit is ignored when in transmit mode. It cannot be
reset by software.
Bit 5 - Global Call Match Enable (GCMEN)
When this bit is set, it enables the matching of an incom-
ing address byte to the general call address (Start Con-
dition followed by address byte of 00h) while the ACB is
in slave mode. When cleared, the ACB does not re-
spond to a global call.
Bit 6 - New Match Interrupt Enable (NMINTE)
Set NMINTE to enable the interrupt on a new match
(i.e., when ACBST.NMATCH is set). The interrupt is is-
sued only if ACBCTL1.INTEN is set.
Bit 7 - Stall After Start Enable (STASTRE)
When set (1), enables the stall after start mechanism. In
such a case, the ACB stalls the bus after the address
byte. When STASTRE is cleared, ACBST.STASTR is
always cleared.
13.4.5
ACB Own Address Register (ACBADDR)
The ACBADDR Register is a byte-wide, read/write register
that holds the module’s ACCESS.bus address. The reset
value of this register is undefined.
Bits 6-0 - Own Address (ADDR)
Holds the 7-bit ACCESS.bus address of the PC87570.
When in slave mode, the first seven bits received after
a Start Condition are compared to this field (first bit re-
ceived to bit 6, and the last to bit 0). If the address field
matches the received data and ACBADDR.SAEN is 1, a
match is declared.
Bit 7 - Slave Address Enable (SAEN)
When set (1), SAEN indicates that the ADDR field holds
a valid address and enables the match of ADDR to an
incoming address byte. When cleared, the ACB does
not check for an address match.
13.4.6
ACB Control Register 2 (ACBCTL2)
The ACBCTL2 Register is a byte-wide, read/write the regis-
ter that enables/disables the module and determines ACB
clock rate. Upon reset and while the module is disabled
(ACBCTL2.ENABLE=0), the ACBCTL1 is cleared (00h).
Bit 0 - ACB Module Enable (ENABLE)
When this bit is set the ACB module is enabled. When
the Enable bit is cleared, the ACB module is disabled,
ACBCTL1, ACBST and ACBCST are cleared, and the
clocks are halted.
Bits 7-1 - SCL Frequency (SCLFRQ)
This field defines the SCL’s period (low time and high
time) when the PC87570 serves as a bus master. The
clock low time and high time are defined as follows:
tSCL =4*SCLFRQ*tCLK
tSCLl = tSCLh
7
6
5
4
3
210
STASTRE NMINTE GCMEN ACK
Res
INTEN STOP START
7
6
0
SAEN
ADDR
7
1
0
SCLFRQ
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com