Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 14Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 15Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 16Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 17Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 18Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 19Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 20Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 21Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 168 page
background image
Introduction
18
www.national.com
1.3.3
DEV Environment
DEV environment is most commonly used to develop soft-
ware on Application Development Boards (ADBs) and In-
System Emulators (ISEs). In this environment, the develop-
ment tools can load code and data of up to 64 Kbytes to off-
chip RAM. This can replace the Base Memory used in
IRE/IRD environment (on-chip/off-chip boot-code). The de-
velopment tool can also load code and data of up to 56
Kbytes to off-chip RAM (application).
In this environment, the pins of ports PF, PG and PH are al-
located for the interface to the Base Memory, for ISE inter-
rupt and for CR16A core status indication. The system may
re-gain these ports using the I/O Expansion protocol and
off-chip logic, while maintaining cycle-by-cycle and binary
compatibility with the IRE environment. Using the same soft-
ware, this environment is binary and cycle-by-cycle compati-
ble with IRD and IRE environments. All features of IRE
environment can be implemented either directly or by using
additional external logic. Figure 1-3 shows a system in DEV
environment.
or
Clock
External
Memory
PC87570
32KX1/32KCLKIN
32KX2
HMR
HA18-0
HD7-0
HIOR
HIOW
IRQ1
IRQ11
IRQ12
RD
WR1-0
SEL0
A18-16, A15-0
D15-8
AD7-0
DA3-0
PA6-0
PB7-0
PC7-0
PD7-0
HIOCHRDY
RTC
Battery
VBAT
IRQ8
Crystal
32.768 KHz
External Keyboard
Internal
Keyboard
KBSOUT15-0
KBSIN7-0
SRAM or
Flash
ENV0
GA20
AVCC
AGND
VCC
GND
Power
Supply
SCL
D7-0
HMEMRD
HMEMWR
PG4-0
PE1-0
PF7-0
PH5-0
HMEMCS
HAEN
EXINT0,10,11,15
PFAIL
RING
SHBM
HRMS
Configuration
Inputs
I/O
Expansion
TA
HDEN
TRIS
HPWRON
PC0
External Mouse
Auxiliary PS/2
Interface
Interface
Interface
HRSTO
SELIO
(Matrix)
SDA
TB
SWIN
Analog
Reset
Control
(power-up reset)
GPIO
Interrupt
ACCESS.bus
System
Timers
ENV1
NC
Figure 1-3. DEV Environment
SEL1
(Application)
VREF
ADC
DAC
Off-chip
Base
(Boot code
SRAM)
Memory
16
16
*
Restored
Ports
* Optional 8/16 data bus
VCC
R1
PF
PG
PH
CLK
ISE
BST2-0
PFS
PLI
Development
Support
BE1,0
CBRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com