Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 61Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 62Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 63Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 64Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 65Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 66Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 67Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 68Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
Real-Time Clock (RTC) and Advanced Power Control (APC)
65
www.national.com
6.2.6
Internal Oscillator
The internal oscillator employs an external crystal connect-
ed to the on-chip amplifier. The on-chip amplifier is accessi-
ble on the 32KX1 input pin and 32KX2 output pin. See
Figure 6-1 for the recommended external circuit, and Table
6-1 for a listing of the circuit components. The oscillator may
be disabled in certain conditions. See Section 6.2.15 on
page 68 for more details.
Figure 6-1. Recommended Oscillator External Circuitry
Table 6-1. Crystal Oscillator Circuit Components
External Elements
Choose C1 and C2 capacitors (see Figure 6-1) to match
the crystal’s load capacitance. The load capacitance CL
“seen” by crystal Y is comprised of C1 in series with C2 and
in parallel with the parasitic capacitance of the circuit. The
parasitic capacitance is caused by the chip package, board
layout and socket (if any), and can vary from 0 to 8 pF. The
rule of thumb in choosing these capacitors is:
CL = (C1 * C2) / (C1 + C2) + CPARASITIC
Oscillator Start-up
The oscillator starts to generate 32.768 KHz pulses to the
RTC and on-chip clock multiplier after about 100 ms from
when VBAT is higher than VBATMIN (2.4 V) or VCC is higher
than VCCMIN (3.0 V). The oscillation amplitude on the
32KX2 pin stabilizes to its final value (approximately 0.4 V
peak-to-peak around 0.7 V DC) in about 1 s.
C1 can be trimmed to achieve precisely 32.768 KHz. To
achieve a high time accuracy, use crystal and capacitors
with low tolerance and temperature coefficients.
6.2.7
External Oscillator
32.768 KHz can be applied from an external clock source,
as shown in Figure 6-2.
Figure 6-2. External Oscillator Connections
Connections
Connect the clock to the 32KX1 pin, leaving the oscillator
output, 32KX2, unconnected.
Signal Parameters
The signal levels should conform to the voltage level re-
quirements for 32KX1, stated in "DC ELECTRICAL CHAR-
ACTERISTICS" on page 134. The signal should have a
duty cycle of approximately 50%. It should be sourced from
a battery-backed source in order to oscillate during power-
down. This will assure that the RTC delivers updated
time/calendar information.
6.2.8
Timing Generation
The timing generation function divides the 32.768 KHz
clock by 215 to derive a 1 Hz signal, which serves as the in-
put for the seconds counter. This is performed by a divider
chain composed of 15 divide-by-two latches, as shown in
Figure 6-3.
Component
Parameters
Values
Toler-
ance
Crystal
Resonance
Frequency
32.768 KHz
Parallel Mode
User-
defined
Type
N-Cut or XY-
bar
Serial Resistance 40 K
Ω
Max
Quality Factor, Q
35000
Min
Shunt Capacitance 2 pF
Max
Load
Capacitance, CL
9-13 pF
Temperature
Coefficient
User Choice
Resistor R1 Resistance
20 M
Ω
5%
Resistor R2 Resistance
120 K
Ω
5%
Capacitor C1 Capacitance
10 pF
5%
Capacitor C2 Capacitance
33 pF
5%
VBAT
CF
Internal
External
R2
32KX1
32KX2
C1
C2
R1
Y
To other
modules
Battery
B1
0.1uF
32.768 KHz
Clock Generator
Internal
External
CLKIN
32KX2
NC
To other
modules
Battery
VBAT
B1
CF
CF
OUT
POWER
CF=0.1µF
(32KX1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com