Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 77Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 78Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 79Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 80Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 81Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 82Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 83Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 84Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 168 page
background image
Interrupt Control Unit (ICU)
81
www.national.com
9.0
Interrupt Control Unit (ICU)
The ICU is a sixteen-channel interrupt control unit. It inter-
faces between the internal/external interrupt requests and
the CompactRISC CR16A core. It generates both maskable
and non-maskable interrupts.
9.1
FEATURES
Non-Maskable Interrupts (NMI)
q
Handles one NMI source
q
Generates an NMI to the core.
Maskable Interrupts
q
16 interrupt sources
q
Supports CR16A vectored interrupts
q
Fixed priority among interrupt sources
q
Individual enable/disable of each interrupt source
q
Supports polling by an interrupt pending register
q
Programmable triggering mode and polarity.
9.2
FUNCTIONAL DESCRIPTION
9.2.1
NMI
The ICU receives an NMI signal from an external source
through the PFAIL pin. Despite its name, this pin may be
used as a general purpose NMI request source. The signal
originating from this pin is fed through the ICU into the
core’s NMI input.
When NMI processing begins, the core performs an inter-
rupt acknowledge core-bus cycle. The address associated
with this core bus cycle (0FF00h) is found within the internal
address space and may be monitored in the development
system (see Sections 18.4 on page 130 and 3.4 on page
44).
After reset, PFAIL must be inactive until the firmware initial-
izes the interrupt table and the interrupt base.
To generate a trap, a falling edge on the PFAIL pin is asyn-
chronously detected. When this occurs, PFAIL (bit 0) in the
NMISTAT Register is set to 1 and an NMI request to the
core is issued.
The PFAIL pin has Schmidt trigger characteristics and an
internal synchronization circuit; no external synchronizing
circuit is needed.
9.2.2
Maskable Interrupts
The ICU receives interrupt signals from internal and exter-
nal sources, and generates a vectored interrupt to the
CR16A when required. Priority among the interrupt sources
is fixed (see the Priority column in Table 9-2). Each interrupt
source can be individually enabled or disabled. Pending in-
terrupts, enabled or disabled, can be polled using the inter-
rupt pending register.
When processing of a maskable interrupt begins, the core
performs an interrupt acknowledge core-bus cycle. The ad-
dress associated with this core bus cycle, 0FE00h, is found
within the internal address space and may be monitored in
the development system (see “Monitoring Activity During
Development” on page 2-172). IVCT is read in the interrupt
acknowledge cycle and its data is the interrupt vector num-
ber.
9.2.3
Edge/Level and Polarity Selection
The ICU triggering mode and polarity of each interrupt
source (individually) are both programmed via the Interrupt
Edge/Level Trigger Register (IELTG) and the Interrupt Trig-
ger Polarity Register (ITRPL).
Both the polarity and the triggering mode of the interrupt sig-
nals that are generated on-chip are fixed. It is the firmware’s
task to program the respective bits in IELTG and ITRPL as
required.
Program the respective bits of IELTG and ITRPL Register
s, to control the ICU mode and polarity, as follows:
Table 9-1. Interrupt Type Programming
9.2.4
Pending Interrupts
Edge-triggered interrupts are latched by the Interrupt Pend-
ing Register (IPEND). A pending edge-triggered interrupt is
cleared by writing the required value to the Edge Interrupt
Clear Register (IECLR). A pending level-triggered interrupt
is cleared only when the interrupt source is not active.
The Interrupt Vector Register (IVCT) holds the pending In-
terrupt vector of the non-masked interrupt with the highest
priority (highest number). IVCT is automatically read during
the interrupt acknowledge cycle. Interrupt vector numbers
are always positive, in the range 20h to 2Fh.
Pending interrupt bits and interrupt mask bits (i.e., Interrupt
Enable and Mask, IENAM, and IPEND Register bits), may
be cleared to 0 only when interrupts are disabled, i.e., the
PSR.I and/or PSR.E bits are 0. IENAM bits may be set at
any time.
9.2.5
External Interrupt Inputs
The external interrupt inputs are asynchronous. They are
recognized by the PC87570 during clock cycles in which the
input setup and hold time requirements are satisfied. To use
an external interrupt that is shared with an I/O port, config-
ure the I/O port to its alternate function (see Table 2-5 on
page 27).
9.2.6
Interrupt Assignment
Table 9-2 shows the mapping of the ICU Maskable inter-
rupts to different functions. The interrupt mapping is fixed.
When interrupts from internal sources are used, the firm-
ware should program their types (edge/level and polarity)
according to the “type” field in Table 9-2. For Internal inter-
rupts, refer to the module which is the interrupt source for
information on mask bits and on the clear mechanism of lev-
el interrupts.
IELTG.i
ITRPL.i
Mode
0
0
Low Level
0
1
High Level
1
0
Falling Edge
1
1
Rising Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com