Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 11Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 12Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 13Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 14Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 15Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 16Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 17Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 18Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 168 page
background image
Introduction
15
www.national.com
The HFCG (High Frequency Clock Generator) provides
clocks for the various on-chip modules. These clocks are
generated directly from a 32.768 KHz crystal or from the on-
chip HFCG. The HFCG generates the high-frequency clock
using the RTC’s 32.768 KHz clock signal as a reference.
The PC87570 operation frequency is set by programming
the HFCG registers. The PMC enables and disables high
frequency clock generation, according to the required pow-
er mode.
The PMC (Power Mode Control) reduces the PC87570's
power consumption to the required activity level. Power
consumption is adjusted by controlling the clock frequency
and selective enabling/disabling of three power modes: Ac-
tive, Idle and Power Off. Activity can be resumed by a peri-
odic wake-up or via external events.
The ICU (Interrupt Control Unit) is a sixteen-channel mod-
ule that interfaces between the interrupt requests (from dif-
ferent on-chip modules and external sources), and the
CR16A core. Both maskable and non-maskable interrupts
are generated.
For maskable interrupts, the ICU controls the masking of
the various sources and prioritizes the different requests. It
generates an interrupt to the core and indicates which of the
sources requested service. For non-maskable interrupts, it
combines the various sources into one and indicates which
is the requested service.
MIWU The Multi-Input Wake-Up module allows the device
to return from Idle mode. The CR16A can enable or disable
the various wake-up conditions. The PC87570 has a total of
23 wake-up signals, some of which are grouped to generate
a single interrupt signal.
GPIO Ports consist of up to 76 GPIO signals that provide
interface and control for the PC system. Some of these I/O
port signals share their pins with an alternate function (see
Table 2-5 on page 27), and may be mutually exclusive.
Some of these signals, when configured as inputs, can in-
terrupt the CR16A when an event is detected even if the de-
vice is in Idle Mode. An example is the SWIN input, which is
dedicated for the PC’s On/Off switch.
One of the I/O pin can be used as an SMI output to the host
processor. The SMI is generated based on various events
identified by the CR16A. This includes an OFF command in-
dication from the APC.
Internal keyboard scanning is supported by 16 open-drain
output port signals, and 8 input port signals with Schmidt
trigger input buffer and internal pull-up resistors. For power
efficiency, the inputs include an interrupt and a wake-up ca-
pability, so that pressing/releasing keys may be identified
without scanning the keyboard matrix in either Active or Idle
modes. The keyboard interrupt is controlled by the MIWU.
The PS/2 Interface, is an industry-standard, with PS/2-
compatible keyboard support, is implemented through a
two-wire, bidirectional TTL interface. Several vendors also
supply PS/2 mouse products and other pointing devices
with the same type of interface.
The PC87570 supports three PS/2 channels. Each channel
has two quasi-bidirectional signals which may be interfaced di-
rectly to an external keyboard, mouse or any other PS/2 com-
patible pointing device. Since the three channels are identical,
the connector ports are interchangeable.
The PC87570 includes a hardware accelerator that allows
the PS/2 channels to be controlled with minimal software
overhead. It also eliminates the sensitivity to interrupt laten-
cy that characterized traditional solutions.
The ACB Interface is a two-wire serial interface compati-
ble with the ACCESS.bus physical layer. It is also compati-
ble with Intel’s SMBus and Philips’ I2C. This module can
serve as a bus master or slave, and performs both transmit
or receive operations.
The MFT16 contains two 16-bit timers with a range of op-
eration modes. These timers can operate from several
clock sources in PWM, Capture or Counter mode to satisfy
a wide range of application requirements.
The TWD has a 16-bit periodic interrupt timer that can be
programmed to generate interrupts at pre-defined intervals.
An 8-bit WATCHDOG timer can reset the PC87570 when-
ever the software loses control of the processor.
The ADC contains eight analog input channels. Each ADC
channel has a 10
µsec minimum conversion period. Either
an internal or external voltage source may be used as a ref-
erence for the A/D conversion.
The DAC has four channels of voltage output. Each of the
four DAC channels has an 8-bit resolution with a full output
range from AGND to AVCC. Conversion time is about 1 µsec
on a 50 pF load.
1.2
EXPANSION OPTIONS
The PC87570 system can be expanded cost effectively, as
follows:
q
I/O Expansion permits adding I/O port pins, in addition
to those available on-chip, using low-cost standard
74HC devices.
q
The External Memory may be configured to 8-bit width
to interface with 8-bit Flash/SRAM devices, or it may
be configured to 16-bit width when additional perfor-
mance is required.
q
The PC87570 may be configured to interface with 32
Kbyte or 56 Kbyte of External Memory (application).
1.3
OPERATING ENVIRONMENTS
Upon power-up reset, the ENV1-0 pins select one the fol-
lowing operating environments:
q
Internal ROM Enabled (IRE)
q
Internal ROM Disabled (IRD)
q
Development (DEV)
See Section 2.4 on page 26 for more information about
these pins and controlling the loads connected to them.
Code written for IRE environment is executable in all environ-
ments, since it is binary compatible. The execution time of
code in on-chip Base Memory (the IRE environment) is identi-
cal to that in off-chip Base Memory (IRD and DEV environ-
ments); i.e., the operation is cycle-by-cycle compatible.
PC87570 devices are tested to ensure that they operate in
either IRE or IRD environment. Only selected parts are test-
ed for operation in DEV environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com