Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 72Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 73Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 74Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 75Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 76Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 77Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 78Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 79Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 168 page
background image
High Frequency Clock Generator (HFCG)
76
www.national.com
7.0
High Frequency Clock Generator
(HFCG)
The HFCG generates the high-frequency clock based on
the system’s 32 KHz clock signal. It is controlled by the
PMC.
7.1
FEATURES
• Programmable frequency multiplier for a wide range of
output frequencies
• On power-up and WATCHDOG reset, 4 MHz default fre-
quency is set
7.2
FUNCTIONAL DESCRIPTION
The HFCG programmable frequency multiplier creates a
high-frequency output clock from a 32.768 KHz input clock.
A 5-bit and 14-bit variable define the output clock frequency.
The software changes the generated frequency by writing
new values to a buffer and enabling the frequency setting.
Either a normal or fast clock setting may be used. During a
frequency change, the CLK output is low, to prevent the
system from using a non-stable clock.
The HFCG is designed to be tightly coupled with the PMC.
The HFCG Enable signal coming from the PMC is input to
the HFCG, enabling or disabling clock generation in Idle
mode. The PMC enables the CLK for the PC87570 in Active
mode.
Figure 7-1 shows the HFCG blocks, and the operating en-
vironment.
.
7.2.1
Setting Clock Frequency
To change the HFCG frequency, load the HFCGN and
HFCGM variables with new values. The HFCGM variable is
loaded in two parts by writing to the HFCGML and HFCG-
MH registers.
Load the new setting (HFCGN and HFCGM values, simul-
taneously) into the frequency multiplier. The core writes the
new variables into a data input buffer. Then, a command
loads the new values into the frequency multiplier.
To set a new clock frequency:
1. Write the HFCGN value.
2. Write the HFCGML value.
3. Write the HFCGMH value.
4. Set HFCGCTRL.LOAD = 1.
When the new HFCGML, HFCGMH and HFCGN values are
loaded, the HFCG holds the output clock low until the fre-
quency multiplier locks onto the target frequency, and the
new frequency stabilizes. This automatic locking process
can take up to several milliseconds to complete.
Frequencies within the range of 4.00 to 10.00 are valid. See
Table 7-1 for a sampling of selected frequencies and their
corresponding HFCGM and HFCGN values.
Table 7-1. Frequencies of Selected Settings
1. This value is referred to as tCLKINTnom in
the AC specifications.
Control
and
Status
Data Out
Frequency
Multiplier
HFCG Enable
Data In
Peripheral Bus
CLK
32 KHz CLK
To PMC
From PMC
Figure 7-1. HFCG Schematic Diagram
8
8
14
14
Freq1 (MHz)
HFCGMH
HFCGML
HFCGN
4.00 (default)
04h
C5h
0Ah
5.00
05h
F6h
0Ah
6.00
07h
27h
0Ah
7.00
08h
58h
0Ah
8.00
09h
89h
0Ah
9.00
0Ah
BBh
0Ah
10.00
0Bh
ECh
0Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com