Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 93Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 94Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 95Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 96Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 97Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 98Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 99Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 100Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
PS/2 Interface
97
www.national.com
Bit 0 - Start of Transaction Interrupt Enable (SOTIE)
This bit is used for enabling the interrupt generation on
a transaction start detection. When set (1), the interrupt
signal (PSINT1) to the ICU is active (1) whenever the
PSTAT.SOT bit is set. When SOT is cleared (0), the
PSSTAT.SOT bit does not affect the interrupt signal.
Once set, SOT is not cleared until the shift mechanism
is reset. Therefore SOTIE should be cleared on the first
occurrence of an SOT interrupt. SOTIE should be set (1)
when the PS/2 module is programmed to handle the im-
pending transfer.
Bit 1 - End of Transaction Interrupt Enable (EOTIE)
This bit is used for enabling the interrupt generation on
an End of Transaction detection. When set (1), the inter-
rupt signal (PSINT1) to the ICU is active (1) whenever
the PSTAT.EOT bit is set. When EOTIE is cleared (0),
the PSSTAT.EOT bit does not affect the interrupt signal.
Once set, EOT is not cleared until the shift mechanism
is reset. Therefore EOTIE should be cleared on the first
occurrence of an EOT interrupt. EOTIE should be set (1)
when the PS/2 module is programmed to handle the im-
pending transfer.
Bit 2 - Disabled Shift Mechanism Interrupt Enable (DSMIE)
This bit is used for enabling the interrupt generation
when the shift mechanism is disabled. When set (1), the
clock input signals are connected to the Interrupt Con-
trol Unit (ICU), to allow implementing an interrupt driven
PS/2 protocol. The three interrupts generated are
PSINT1, PSINT2 and PSINT3, for channels 1, 2 and 3,
respectively. When cleared (0), the three interrupt sig-
nals are low. Note that PSINT1 may be activated (1) by
other interrupt sources of the module.
When the shift mechanism is disabled, no debounce is
applied to the PSCLK inputs before producing the inter-
rupt signals, except for local synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com