Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 31Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 32Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 33Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 34Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 35Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 36Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 37Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 38Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 168 page
background image
Bus Interface Unit (BIU)
35
www.national.com
cifically configured as a pause between two consecutive
transactions. When more than one Tidle cycle is requested
as a pause, the Tidle cycles overlap and only one Tidle cycle
is added.
Tidle clock cycles can be inserted between two consecutive
accesses in different zones (to allow long hold times or buff-
er disable times). To do this either program SZCFGn.IPRE
and/or SZCFGn.IPST (or IOCFG.IPST). See Figure 3-7 on
page 40.
Tidle clock cycles are also added between an early write and
any read bus cycles, and between a late write and fast read
bus cycles. See Figure 3-12 on page 43.
T1 Cycle
Every bus cycle starts with T1. In this clock cycle the ad-
dress of the selected device (either external or internal) is
set on the address pins. Write bus cycles never drive data
during T1.
T2 Cycle
The read T2 bus cycles always sample the data at the end
of T2.
The write T2 bus cycles always drive data during T2. If no
Thold clock cycles follow, the data bus is put in TRI-STATE
after the T2 cycle.
T1-2 Cycle
The fast read T1-2 bus cycle is one-cycle read duration.
At the beginning of the clock cycle, the address of the se-
lected device is set on the address pins and the SELn and
RD signals are activated. At the end of the clock cycle, the
BIU samples the data.
T3 Cycle
Early write bus cycles always have the T3 clock cycle. All
other bus cycles do not have this clock cycle.
At the beginning of this clock cycle SELn (or SELIO) deac-
tivates and then WR(0-1) deactivates. The address and
data remains valid until T3 is completed. If no Thold clock cy-
cles follow, the data bus is put in TRI-STATE after the T3
cycle.
The following clock cycles are optional in a data transfer bus
cycle:
q
TIW (Internal Wait)
q
Thold
q
T2B (T2 burst)
q
TBW (Burst Wait).
TIW Cycle
Extend the basic data transfer bus cycle by adding wait
clock cycles. To do this, either program SZCFGn.WAIT (or
IOCFG.WAIT) with the required additional wait clock cycles.
Wait clock cycles generated due to SZCFGn.WAIT (or IO-
CFG.WAIT) are named TIW (internal wait). TIW cycles are
added after T1 and followed by T2 cycles. Data is always
driven during wait clock cycles of a write bus cycle.
TBW Cycle
A burst bus cycle can be extended by one wait clock cycle,
named TBW. This is done according to SZCFGn.WBR. The
address is changed in the beginning of TBW. Write bus cy-
cles do not have this clock cycle.
T2B Cycle
Data of read burst bus cycles is sampled at the end of T2B.
If TBW cycle is not configured, the address is changed in
the beginning of T2B. Write bus cycles do not have this
clock cycle.
Thold Cycle
Hold cycles are added after T2 or T2B (if there is a burst bus
cycle)
or
T3
(according
to
SZCFGn.HOLD
or
IO-
CFG.HOLD); the address and data (during a write bus cy-
cle) are always valid during these cycles. The data bus is
put in TRI-STATE after the last Thold.
Special Tidle Cycle
During Tidle cycles, one of the SEL0-1 signals and the RD
signal may be activated for one clock cycle. This happens
due to special activity on the internal core bus.
To avoid contention on the memory bus, it is guaranteed
that this clock cycle is followed by a sufficient number of
Tidle cycles before the next T1 cycle is performed.
The number of Tidle cycles following is at least the number
required by the selected zone as configured in the HOLD
field of the SZCFGn Register.
3.3.2
Control Signals
A read bus cycle consisting of the basic bus cycle plus ad-
ditional clock cycles (the burst bus cycle) occurs if the bus
is burstable (SZCFGn.BRE is 1), the configured bus width
is 8 bits, and the core attempts to read a word. When the
bus is not burstable (SZCFGn.BRE is 0), the BIU issues two
separate read bus cycles. Write bus cycles are never burst-
able, and the BIU always issues two separate write bus cy-
cles.
The write bus cycles use byte write qualifiers on WR0-1
pins:
• They access an 8-bit wide memory on D0-7 data lines.
One byte is accessed on basic bus cycles. Only WR0
pin is used as the byte write qualifier.
• They access a 16-bit wide memory on D0-15 data lines.
Either one or two bytes are accessed on basic bus cy-
cles. WR0 pin is used as even byte (D0-7) write qualifier
and WR1 pin is used as odd byte (D8-15) write qualifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com