Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 40Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 41Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 42Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 43Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 44Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 45Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 46Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 47Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 168 page
background image
Bus Interface Unit (BIU)
44
www.national.com
3.3.8
I/O Expansion Example
Figure 3-14 shows an example of how two ports can be im-
plemented off-chip, using I/O expansion. This example im-
plements two 8-bit ports, by connecting the SELIO, RD and
WR0 pins to the latch/buffer controls.
3.4
DEVELOPMENT SUPPORT
The BIU provides the following support for development
systems.
3.4.1
Bus Status Signals
The Bus Status BST0-2 signals indicate whether a transac-
tion on the core bus was issued, and the transaction type.
See Table 18-1 on page 130.
3.4.2
Core Bus Monitoring
The core bus monitoring cycle is a non-data transfer bus cy-
cle. It takes a single clock cycle - T1. On this cycle:
• The address pins display the address of the internal de-
vice accessed on the core bus.
• CBRD indicates the direction of the access (read or
write).
• BE0-1 indicate which data bus bytes are accessed (low-
er or upper).
• BST0-2 display the core bus status.
See Figure 3-15. The core bus monitoring cycle is generat-
ed only when the BCFG.OBR configuration bit is 1.
SELIO1
PC87570
74x377
74x541
OE1
CE
OE2
WR01
RD
CP 8-Bit
D-FF
8-Bit
Buffer
Figure 3-14. Example of an Implementation of Two Ports Using I/O Expansion
1. This routing is for late write. If early write, SELIO is routed to CP and WR0 to CE. All other routing is unchanged.
8
8
8
D0-7
CLK
A0-12,
T1
SEL0-1
WR0-1
D0-15
RD
BST0-2
SELIO
A16-18
CBRD
BE0-1
Figure 3-15. Core Bus Monitoring Bus Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com