Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 98 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 98 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 94Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 95Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 96Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 97Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 98Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 99Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 100Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 101Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 102Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 168 page
background image
ACCESS.bus (ACB) Interface
98
www.national.com
13.0 ACCESS.bus (ACB) Interface
The ACB interface is a two wire serial interface compatible
with the ACCESS.bus physical layer. It is also compatible
with Intel’s SMBus and Philips’ I2C bus. The module can be
configured as a bus master or slave, and can maintain bidi-
rectional communications with both multiple master and
slave devices.
13.1 FEATURES
q
ACCESS.bus, SMBus and I2C compliant
q
ACCESS.bus master and slave
q
Supports polling and interrupt controlled operation
q
Generates a wake-up signal on detection of a Start
Condition, while in power-down mode
q
Optional internal pull-up on SDA and SCL pins
13.2 ACB PROTOCOL OVERVIEW
The ACB interface provides full support for a two-wire AC-
CESS.bus, synchronous serial interface. It permits easy in-
terfacing to a wide range of low-cost memories and I/O
devices, including: EEPROMs, SRAMs, timers, A/D con-
verters, D/A converters, clock chips and peripheral drivers.
13.2.1
ACB Interface
The ACCESS.bus protocol uses a two-wire interface for bi-
directional communications between the ICs connected to
the bus. The two interface lines are the Serial Data Line
(SDL), and the Serial Clock Line (SCL). These lines should
be connected to a positive supply, via a pull-up resistor, and
remain HIGH even when the bus is idle.
The ACCESS.bus protocol supports multiple master and
slave transmitters and receivers. Each IC has a unique ad-
dress and can operate as a transmitter or a receiver
(though, some peripherals are only receivers).
During data transactions, the master device initiates the
transaction, generates the clock signal and terminates the
transaction. For example, when the ACB initiates a data
transaction with an attached ACCESS.bus compliant pe-
ripheral, the ACB becomes the master. When the peripheral
responds and transmits data to the ACB, their master/slave
(data transaction initiator and clock generator) relationship
is unchanged, even though their transmitter/receiver func-
tions are reversed.
13.2.2
Data Transactions
One data bit is transferred during each clock pulse. Data is
sampled during the high state of the serial clock (SCL).
Consequently, throughout the clock’s high period the data
should remain stable (see Figure 13-1). Any changes on the
SDA line during the high state of the SCL and in the middle
of a transaction, aborts the current transaction. New data
should be sent during the low SCL state. This protocol per-
mits a single data line to transfer both command/control in-
formation and data using the synchronous serial clock.
Each data transaction is composed of a Start Condition, a
number of byte transfers (set by the software) and a Stop
Condition to terminate the transaction. Each byte is trans-
ferred with the most significant bit first, and after each byte
(8 bits), an Acknowledge signal must follow. The following
sections provide further details of this process.
At each clock cycle, the slave can stall the master while it
handles the previous data, or prepares new data. This can
be done, for each bit transferred, or on a byte boundary, by
the slave holding SCL low to extend the clock-low period.
Typically, slaves extend the first clock cycle of a transfer if
a byte read has not yet been stored, or if the next byte to be
transmitted is not yet ready. Some microcontrollers, with
limited hardware support for ACCESS.bus, extend the ac-
cess after each bit, thus allowing the software time to han-
dle this bit.
13.2.3
Start and Stop
The ACCESS.bus master generates Start and Stop Condi-
tions (control codes). After a Start Condition is generated
the bus is considered busy and it retains this status till a cer-
tain time after a Stop Condition is generated. A high-to-low
transition of the data line (SDA) while the clock (SCL) is
high, indicates a Start Condition. A low-to-high transition of
the SDA line while the SCL is high indicates a Stop Condi-
tion (Figure 13-2).
In addition to the first Start Condition, a repeated Start Con-
dition can be generated in the middle of a transaction. This
allows another device to be accessed, or a change in the di-
rection of the data transfer.
13.2.4
Acknowledge Cycle
The Acknowledge Cycle consists of two signals: the ac-
knowledge clock pulse the master sends with each byte
transferred, and the acknowledge signal sent by the receiv-
ing device (Figure 13-3).
The master generates the acknowledge clock pulse on the
ninth clock pulse of the byte transfer. The transmitter releas-
es the SDA line (permits it to go high) to allow the receiver
to send the acknowledge signal.The receiver must pull
SDA
SCL
Data Line
Stable:
Data Valid
Change
of Data
Allowed
Figure 13-1. Bit Transfer
SDA
SCL
S
P
Start
Condition
Stop
Condition
Figure 13-2. Start and Stop Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com