Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 42Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 43Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 44Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 45Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 46Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 47Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 48Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 49Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 168 page
background image
Bus Interface Unit (BIU)
46
www.national.com
Bit 9 - Post Idle (IPST)
An idle cycle follows the current bus cycle, when the
next bus cycle is in a different zone
.
0: No idle cycle inserted
1: Idle cycle inserted
Bit 10 - Preliminary Idle ((IPR)
An idle cycle is inserted prior to the current bus cycle,
when this bus cycle is in a new zone
.
0: No idle cycle inserted
1: Idle cycle inserted
Bit 11 - Fast Read Enable (FRE)
FRE enables fast read bus cycles.
0: Fast read bus cycle disabled. Read bus cycle takes at
least two clock cycles (i.e., Normal Read bus cycle).
1: Fast read bus cycle enabled. Read bus cycle takes
one clock cycle.
3.6
USAGE HINTS
The following usage hints will help you configure the BIU to max-
imize PC87570 performance while avoiding contention on the
data bus.
1. In IRE environment, the access time to the internal ROM
can use zero wait and zero hold cycles, but not fast
reads. Therefore, program SZCFG1 fields as follows:
WAIT=000, HOLD=00, BRE=0, WBE=0, BW=1, FRE=0
(where BRE, WBE, BW and FRE are defaults).
2. To avoid data bus contention when a read bus cycle (no
Thold clock cycles) in one zone is followed by a read bus
cycle in another zone, program IPST and IPRE in the
different memory (I/O) zones as follows:
Note: When running boot code (zone 1) in IRE environ-
ment using the above configuration, performance is
much more efficient than in non-IRE environments.
However, this configuration is not valid in non-IRE
environments.
Environment
I/O Expansion
Configuration
IRE
Not used
Clear IPST and IPRE
in all zones
IRE
Used
Clear IPST and IPRE
in all zones, except
IOCFG.IPST=1
(default)
Non-IRE
Don’t care
Clear IPST and IPRE
in all zones, except
SZCFG1.IRE=1
SZCFG.IPST=1 and
IOCFG.IPST=1
(defaults)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com