Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 13Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 14Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 15Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 16Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 17Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 18Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 19Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 20Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 168 page
background image
Introduction
17
www.national.com
1.3.2
IRD Environment
IRD environment is used mostly for prototypes and low-vol-
ume manufacturing. In this environment, the on-chip Base
Memory (containing the up to 2 KByte boot code), is re-
placed by up to 64 Kbytes of off-chip memory, called off-
chip Base Memory, which may be ROM or Flash memory.
You can control the number of wait states used to access the
Base Memory to allow interfacing with devices that have a
wide range of access times. Configure this number according
to the operation frequency and voltage, and the device ac-
cess time. Since the time required to access off-chip Base
Memory devices affects the performance of the CR16A core,
use the same number of wait states in all environments to
maintain cycle-by-cycle compatibility.
In this environment, the pins of ports PF and PG are allocat-
ed for the interface to the Base Memory. The system may
restore these ports using the I/O Expansion protocol and
off-chip logic, while maintaining cycle-by-cycle and binary
compatibility with the IRE environment. All features of IRE
environment can be implemented either directly or by using
additional external logic.
Figure 1-2 illustrates a system in IRD environment.
or
Clock
External
Memory
PC87570
32KX1/32KCLKIN
32KX2
HMR
HA18-0
HD7-0
HIOR
HIOW
IRQ1
IRQ11
IRQ12
RD
WR1-0
SEL0
A18-16, A15-0
D15-8
AD7-0
DA3-0
PA6-0
PB7-0
PC7-0
PD7-0
HIOCHRDY
RTC
Battery
VBAT
IRQ8
Crystal
32.768 KHz
External Keyboard
Internal
Keyboard
KBSOUT15-0
KBSIN7-0
SRAM or
Flash
ENV0
GA20
AVCC
AGND
VCC
GND
Power
Supply
SCL
D7-0
HMEMRD
HMEMWR
PG4-0
PE1-0
PF7-0
PH5-0
HMEMCS
HAEN
EXINT0,10,11,15
PFAIL
RING
SHBM
HRMS
Configuration
Inputs
I/O
Expansion
TA
HDEN
TRIS
HPWRON
PC0
External Mouse
Auxiliary PS/2
Interface
Interface
Interface
HRSTO
SELIO
(Matrix)
SDA
TB
SWIN
Analog
Reset
Control
(power-up reset)
GPIO
Interrupt
ACCESS.bus
System
Timers
ENV1
NC
Figure 1-2. IRD Environment
SEL1
(Application)
VREF
ADC
DAC
Off-chip
Base
(Boot code
ROM)
Memory
16
16
*
Restored
Ports
* Optional 8/16 data bus
VCC
R1
PF
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com