Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 88Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 89Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 90Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 91Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 92Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 93Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 94Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 95Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 168 page
background image
PS/2 Interface
92
www.national.com
Start Bit Detected: The shift mechanism is in Receive Ac-
tive or Transmit Active states. This indicates that a start bit
was identified for at least one of the channels and the shift
process has begun. The PSTAT.SOT indicates the detec-
tion of the start bit and the PSTAT.ACH field indicates the
active channel (the channel on which the start bit was de-
tected).
End of Transaction: The shift mechanism is at “End-of-
Reception” or “End-of-Transmission” states. This indicates
that the last bit of the transfer sequence was detected and
the data can be read from PSDAT register, or that the data
transmission was completed (for receive and transmit, re-
spectively). The PSTAT.EOT indicates the transfer comple-
tion. In case a parity error was identified in the received
data, the PSTAT.PERR is set. If a stop bit was detected low
instead of high, the PSTAT.RFERR bit is set.
Input Signals Debounce
The PC87570 performs a debounce operation on the clock
input signal before determining its logic value. PSCON.IDB
determines for how many clock cycles the input signal must
be stable to define a change in its value.
Interrupt Generation
The PSINT1 is an interrupt signal generated by the shift
mechanism to allow an interrupt driven interface with the
firmware.
The ICU should be programmed to detect high level inter-
rupts on the PSINT1 interrupt. See Section 9.3 on page 82
for details on the ICU. The PSIEN.SOTIE and PSIEN.EO-
TIE mask the interrupt signaling for the PSTAT.SOT and
PSTAT.EOT bits respectively.
Receive Inactive
After enabling the shift mechanism with PSCON.XMT=0,
the Receive mode is entered in the Receive Inactive state.
The Receive Idle state can then be entered by enabling one
(or more) of the channels, through setting the channel en-
able bit (CLK1, CLK2 and/or CLK3 for channel 1, 2 and/or
3, respectively). In this state, the shift-mechanism sets the
clock and data lines of the enabled channels high (1) and
waits for a start bit.
PS/2 Reset
XMT = 0
XMT = 1
Start Bit
Detected
XMT = 1
EN = 1 and
EN = 0
Disabled
Receive
Inactive
XMT = 0
EN=1 and
Transmit
Idle
CLK1, CLK2
Transmit
Active
Line Control
Bit Detected
End of
Transmission
or CLK3 = 1
Start Bit
Detected
Receive
Idle
CLK1, CLK2
Receive
Active
Stop Bit
Detected
End of
Reception
and/or CLK3 = 1
Transmit Mode
Receive Mode
EN = 0
CLK1, CLK2
and CLK3 = 0
CLK1, CLK2
and CLK3 = 0
Transmit
Inactive
Figure 12-4. Shift Mechanism State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com