Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 53Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 54Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 55Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 56Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 57Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 58Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 59Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 60Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 168 page
background image
Host Bus Interface (HBI)
57
http://www.national.com
Bit 0 - Host Interrupt Request 1 Control (IRQ1B)
When the IRQ1 signal is configured for direct control by
the firmware (OBFKIE in the HICTRL Register is 0), this
bit directly controls the state of IRQ1 pin. When read,
IRQ1B returns the current value of the IRQ1 pin, which
can be read regardless of the state of OBFKIE.
Bit 1 - Host Interrupt Request 12 Control (IRQ12B)
When the IRQ12 signal is configured for direct control
by the firmware (OBFMIE in the HICTRL Register is 0),
this bit directly controls the state of IRQ12 pin. When
read, IRQ12B returns the current value of the IRQ12
pin, which can be read regardless of the state of
OBFMIE.
Bit 2 - Host Interrupt Request 11 Control (IRQ11B)
When the IRQ11 signal is configured for direct control
by the firmware (PMHIE in the HICTRL Register is 0),
this bit directly controls the state of IRQ11 pin. When
read, IRQ11B returns the current value of the IRQ11
pin, which can be read regardless of the state of PMHIE.
Bits 5-3 - IRQ Mode (IRQM)
Sets the hardware controlled IRQ signals to work in lev-
el or pulse mode and defines the pulse width in the
pulse modes.
When IRQM = 0002, the IRQ signals function in a level
mode. In this mode when IRQNPOL bit below is 0, the
IRQ signals default value is low, and a high level is set
to issue an interrupt (the respective OBF is set).
When IRQM
≠0, the host interrupts are in pulse mode.
When IRQNPOL bit below is 0, the IRQ signals default
value is high, and it toggles low to issue an interrupt (i.e.,
when the respective output buffer register is written).
See Table 5-3 for the pulse widths.
Table 5-3. IRQM Pulse Modes
Bit 6 - IRQ Negative Polarity (IRQNPOL)
0: IRQ signal (IRQ1, IRQ11, IRQ12) polarity is com-
patible with the standard ISA bus interface.
1: When hardware IRQ generation is enabled (when
OBFKIE, OBFMIE or PMHIE for IRQ1, IRQ12 or
IRQ11, respectively in the HICTRL Register are
set), the interrupt output is inverted.
Bit 7 - Push Pull Enable (PSPE)
0: IRQ signals (IRQ1, IRQ11 and IRQ12) output driv-
ers are open drain type. Therefore, when an output
logic is 0, the signal is pulled low; when output logic
is 1, the signal is floating and its level is set by the
system. External pull-up resistors should be used.
1: IRQ signals drivers are full push-pull drivers.
Therefore, the PC87570 drives the signals for both
low and high levels.
5.12.8
Host Interface KBC Status Register (HIKMST)
The HIKMST Register is a byte wide, read/write register. It
provides the status of the host interface keyboard channel
buffers (DBBIN and DBBOUT) and a means for the
PC87570 to send status bits to the host. This register can
also be read by a host read operation from address 64h.
HIKMST is cleared (00h) on reset.
Bit 0 - Output Buffer Full (OBF)
This bit is a read only bit and is ignored when writing to
this register.
0: Host reads from the KBC channel output buffer
(60h)
1: KBC channel’s DBBOUT is written by the CR16A
(writing to the HIKDO or HIMDO Registers)
Bit 1 - Input Buffer Full (IBF)
This bit is a read only bit and is ignored when writing to
this register.
0: CR16A reads input buffer (HIKMDI Register)
1: KBC channel’s DBBIN is written by the host (writing
to either address 60h, data, or address 64h, con-
trol) T
Bit 2 - Flag 0 (F0)
A general-purpose flag that can be set or cleared by the
CR16A firmware.
Bit 3 - A2 Address (A2)
Holds the value of the HA2 line in the last write operation
of the host to the KBC channel’s input buffer (i.e., indi-
cates HA2 value during write to address 60h or 64h).
This bit is a read only bit and is ignored when writing to
this register.
Bits 7-4 - Status Bits 0-3 (ST0-3)
Four general-purpose flags that can be set or cleared by
the CR16A firmware.
5.12.9
Host Interface Keyboard Data Out Buffer
Register (HIKDO)
The HIKDO Register is a byte wide, write only register. It al-
lows the CR16A firmware to write to the DBBOUT Register,
while setting OBF in the HIKMST Register. If enabled, IRQ1
IRQM
Mode
0002
Level Interrupt
0012
1-cycle Pulse
0102
2-cycle Pulse
0112
4-cycle Pulse
1002
8-cycle Pulse
1012
16-cycle Pulse
Other
Reserved
76543210
ST3
ST2
ST1
ST0
A2
F0
IBF
OBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com