Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 44Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 45Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 46Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 47Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 48Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 49Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 50Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 51Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 168 page
background image
Host Bus Interface (HBI)
48
www.national.com
5.0
Host Bus Interface (HBI)
The HBI facilitates the various data transfers required be-
tween the different modules of the system. It also arbitrates
between host and CompactRISC CR16A accesses to
shared resources: the memory device and the RTC/APC.
Figure 5-1 shows a schematic diagram of the possible bus-
to-bus bridging options.
The host bus is an 8-bit wide ISA-compatible bus. The
PC87570 is accessed from the host bus as:
q
a memory device when using the HMEMR, HMEMW
and HMEMCS signals, (to interface the external mem-
ory device, BIOS Flash).
q
an I/O device when using the HIOW, HIOR and HAEN
signals, (to interface on-chip resident I/O devices)
The HBI allows the host and CR16A core to share the same
Flash memory. In this way, only one memory device is
needed for both the host system BIOS, and for the
PC87570 code. Memories other than Flash may be used.
Both the host and the CR16A can access the three legacy
I/O devices:
q
The KBC, used for keyboard control, mouse and an
auxiliary pointing device, at default host addresses
0060h and 0064h
q
The Power Management (PM) device, at default host
addresses 0062h and 0066h
q
The RTC and APC (referred to in this chapter as the
RTC/APC), at default host addresses 0070h and 0071h.
Data transfers to/from host or CR16A core can be imple-
mented using polling or interrupt driven schemes. This en-
hances system performance and flexibility. The on-chip
hardware is designed to allow a race-free interface for both
these access paths.
5.1
FEATURES
q
Memory device sharing between the host (BIOS) and
the PC87570 firmware, for both read and write
q
Direct support for an 8-bit ISA bus (host)
q
PnP support
— Host Device Enable (HDEN) strap input pin selects
if the modules are disabled (default) or enabled after
reset; software programmable enable/disable bits
for each module
— First enable using PnP escape sequence
— Relocatable chip-configuration-base-address
(Index/Data registers)
— Default legacy addresses for each module, relocat-
able by software
— Configuration lock bits for the chip-configuration-
base-address and for each module
— programmable IRQ polarity and output buffer type
q
Three Host Interface channels, typically used for KBC,
PM, and RTC/APC, as follows:
— KBC
— 8042-compatible KBC standard interface
— Intel 8051SL compatible host interface
— Standard IRQ1 (keyboard) and IRQ12 (mouse)
may be operated by either hardware or firmware
— Fast gate A20 and fast reset via firmware
— Reset signal to the host on dedicated HRSTO
pin; both hardware and software control
— PM, (Power Management channel); interrupt IRQ11
— RTC/APC, accessible from both the host and
CR16A
HIOR
HMEMW
Host Bus
Resident
Core Bus
HIOW
CR16A Access
Host
Host Access to
Peripherals
Figure 5-1. Host Bus Interface Schematic Diagram
Device
Core Bus to
ISA Bus
Bridge
Core and
Host
Arbitrator
to RTC
Access
to
Shared
Memory
PC87570
CR16A CORE
Host Interface
HAEN
Bus
HMEMR
HMEMCS
BIU
External
Memory
(Flash)
ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com