Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 104Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 105Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 106Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 107Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 108Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 109Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 110Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 111Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
108
www.national.com
14.3.5
Counter Clock Source Select
The clock source unit contains two clock source selectors
which allow you to independently select the clock source for
each of the two 16-bit counters from one of the following
sources:
• No clock, in which case the counter is stopped
• Prescaled system clock
• External Event count based on TB
• Pulse Accumulate mode based on TB
• Slow Speed Clock i.e., 32.768 KHz
14.4 TIMER/COUNTER AND ACTION UNIT
The timer/counter and action unit consists of two 16-bit
counters, TCNT1 and TCNT2, plus two 16-bit reload/cap-
ture registers, TCRA and TCRB. The timers are down
counters capable of triggering events on underflow detec-
tion (count from 0000h to FFFFh). In addition, it contains the
mode control logic which allows the timer to operate in any
of four operation modes described below.
Different interrupts can be triggered on certain conditions
and the functionality of the I/O pins change depending of the
mode of operation. Therefore the interrupt control and I/O
control are an integral part of the timer/counter unit.
14.4.1
Operation Modes
You can configure the MFT16 to operate in any one of four
modes, as summarized in Table 14-1 and described in this
section.
Table 14-1. Operation Modes
Mode
Description
Timer/Counter 1
(
TCNT1)
Reload/Capture A
(
TCRA)
Reload/Capture B
(
TCRB)
Timer/Counter 2
(
TCNT2)
1
PWM and system
timer or external
event counter
Counter for PWM
Auto Reload A =
PWM time I
Auto reload = PWM
time II
System Timer or
external event
counter
2
Dual input capture
and system timer
Capture A and B
time base
Capture counter 1
value on
TA event
Capture counter 1
value on
TB event
System Timer
3
Dual independent
timer
Time base for first
timer
Reload register for
timer/counter I
Reload register for
timer/counter II
Time base for
second timer
4
Input capture and
timer
Time base for first
timer
Reload register for
timer/counter I
Capture counter 1
value on
TB event
Capture B time
base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com