Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87570-ICC/VUL Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570-ICC/VUL
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570-ICC/VUL Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button PC87570-ICC/VUL Datasheet HTML 103Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 104Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 105Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 106Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 107Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 108Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 109Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 110Page - National Semiconductor (TI) PC87570-ICC/VUL Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 168 page
background image
Multi-Function 16-Bit Timer (MFT16)
107
www.national.com
14.3 CLOCK SOURCE UNIT
The clock source unit, Figure 14-2, contains two clock se-
lectors for each counter and a 5-bit clock prescaler.
14.3.1
Prescaler
The 5-bit clock prescaler consists of a prescaler register,
and a 5-bit counter, allowing you to run the timer with a
prescaled clock. The system clock is divided by the value
contained in TPRSC+1. The minimum counter clock
frequency is thus the system clock divided by 32, and the
maximum counter clock frequency is equal to the system
clock. The prescaler register, TPRSC, can be read or
written by the user software at any time. The prescaler
counter is a 5-bit down counter which can not be read or
written by software. The 5-bit counter, and the prescaler
register TPRSC, are cleared on reset
14.3.2
External Event Clock
The TB I/O pin can be selected as an external event input
clock source for any of the two 16-bit counters. The polarity
of the input signal is user programmable to generate a count
if either a rising or a falling edge is detected on TB. The min-
imum pulse width of the external signal is one system clock
cycle, thus the maximum frequency with which the counter
can run in this mode is limited to half the system clock fre-
quency. This clock source is not available in the dual-chan-
nel capture modes because TB is used as a capture input.
14.3.3
Pulse Accumulate Mode
In pulse accumulate mode, the counter can also be clocked
while an external signal on TB is either high or low. In this
configuration, the output of the prescaler is gated with an
external signal applied on the TB input. This mode can be
used to obtain a cumulative count of prescaler output clock
pulses, as shown in Figure 14-3.
Pulse accumulate mode is not available in the dual-channel
capture mode which requires TB as an input. (See Section
14.4.1 for more details on the availability of TB.)
14.3.4
Slow Speed Clock
A slow speed clock of 32.768 KHz can be used as a clock
source for the two 16-bit counters. The MFT16 synchroniz-
es the slow speed clock with the system clock. Therefore,
the maximum input frequency of the slow speed clock is the
system clock rate divided by four.
Some power save modes stop the system clock completely.
When this occurs, the timer stops counting the slow speed
clock until the system clock resumes. While operating in a
power save mode that uses a slow system clock, the slow
speed clock source for the timer can only be used if it is at
least four times faster than the slow speed clock for the
counter.
Prescaler Register
TPRSC
Prescaler Counter
5-Bit
System
Clock
Reset
TB
Pulse
Accumulate
External
Event
No Clock
Prescaled
Clock
Counter 1
Clock
Select
Counter 2
Clock
Select
Counter 1
Clock
Counter 2
Clock
Synchr.
Slow Speed
Clock
Synchr.
Figure 14-2. Clock Prescaler and Selector
TnB
Prescaler Output
Counter Clock
Figure 14-3. Pulse Accumulate Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com