Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 48Page - STMicroelectronics STLED325 Datasheet HTML 49Page - STMicroelectronics STLED325 Datasheet HTML 50Page - STMicroelectronics STLED325 Datasheet HTML 51Page - STMicroelectronics STLED325 Datasheet HTML 52Page - STMicroelectronics STLED325 Datasheet HTML 53Page - STMicroelectronics STLED325 Datasheet HTML 54Page - STMicroelectronics STLED325 Datasheet HTML 55Page - STMicroelectronics STLED325 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
Commands
STLED325
52/62
Doc ID 17576 Rev 1
0: Display off (keyscan continues)
1: Display on
When b5 = 1, the decoding is based on bits b1-b0 as illustrated below:
b1 b0 = 01: IR hot-key configuration of ADR and DATA. After this 3 bytes are sent which are
in the form ADR+DATA to configure the hot-key for a particular device address. A maximum
of 8 hot keys can be configured from a single device address or 4 hot-keys from two device
addresses and so on. If more than 24 bytes in the form of ADR+DATA are sent, then the
pointer moves back to the first ADR+DATA location.
b1 b0 = 10: FP hot-key configuration. Any of the 16 keys can be configured as hot-keys. 2
bytes of key data command are sent following this command to configure the front-panel
hotkeys.
b4, b3 b2: Reserved
b1b0: 00 or 11 are treated as invalid commands and subsequent data bytes are ignored.
Remote control hot keys when b5 = 1
b1 b0: 01
Following 8-bit is sent to indicate the address for RC and subsequent 16-bit indicates the RC
hot key value itself. So a total of 3 bytes are sent for one hot-key configuration. A total of 24
bytes are re-served for RC hot key configuration. Note that the customer code is
programmable for the RC hotkey for both RCMM and R-STEP RC protocol.
Front Panel Hot Keys when b5 = 1
b1 b0: 10
Front panel hot keys can be configured by sending 2 bytes of key data to configure any key
as hot-key from any of the 2 banks. Any number of keys can be configured as hot-keys.
When input key code matches any one of the predefined key codes stored in the internal
RAM, the STLED325 de-asserts the STBY output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com