Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 15Page - STMicroelectronics STLED325 Datasheet HTML 16Page - STMicroelectronics STLED325 Datasheet HTML 17Page - STMicroelectronics STLED325 Datasheet HTML 18Page - STMicroelectronics STLED325 Datasheet HTML 19Page - STMicroelectronics STLED325 Datasheet HTML 20Page - STMicroelectronics STLED325 Datasheet HTML 21Page - STMicroelectronics STLED325 Datasheet HTML 22Page - STMicroelectronics STLED325 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
STLED325
Functional description
Doc ID 17576 Rev 1
19/62
3.11
Real time clock (RTC)
The STLED325 integrates a low power Serial RTC with a built-in 32.768 kHz oscillator
(external crystal controlled). Eight bytes of the SRAM are used for the clock/calendar
function and are configured in binary coded decimal (BCD) format. An additional 12 bytes of
SRAM provide status/ control of alarm and watchdog functions. Addresses and data are
transferred serially via a two line, bi-directional I2C interface. The built-in address register is
incremented automatically after each WRITE or READ data byte. Note that all 4 digits must
be enabled before using the RTC display.
Functions available to the user include a non-volatile, time-of-day clock/calendar, alarm
interrupts and watchdog timer. The eight clock address locations contain the century, year,
month, date, day, hour, minute, second and tenths/hundredths of a second in 24 hour BCD
format. Corrections for 28, 29 (leap year - valid until year 2100), 30 and 31 day months are
made automatically.
The RTC operates as a slave device through the slave address of the STLED325 on the
serial bus. Access is obtained by implementing a start condition followed by the correct
device slave address. The 16 bytes contained in the device can then be accessed
sequentially in the following order:
–1. Reserved
– 2. Seconds register
– 3. Minutes register
– 4. Hours register
– 5. Day register
– 6. Date register
– 7. Century/month register
– 8. Year register
– 9. Calibration register
– 10. Watchdog register
– 11 - 16. Alarm registers
The RTC keeps track of the date and time. Once the date and time are set, the clock works
when the STLED325 is in normal operation and standby operation. Wake-up alarm feature
is also included in the RTC module. The accuracy of the RTC is approximately 20 ppm
(±50secs/month). How-ever this much depends on the accuracy of the external crystal
used.
The wake-up alarm is programmed to wake up once the date and time set are met. This
feature is present in normal and standby mode of operation. Only one date and time is
available for setting.
The real time clock (RTC) uses an external 32.768 kHz quartz crystal to maintain an
accurate internal representation of the second, minute, hour, day, date, month, and year.
The RTC has leap-year correction. The clock also corrects for months having fewer than 31
days.
3.11.1
Reading the real time clock
The RTC is read by initiating a Read command and specifying the address corresponding to
the register of the real time clock. The RTC registers can then be read in a sequential read
mode. Alarms occurring during a read are unaffected by the read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com