Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 44Page - STMicroelectronics STLED325 Datasheet HTML 45Page - STMicroelectronics STLED325 Datasheet HTML 46Page - STMicroelectronics STLED325 Datasheet HTML 47Page - STMicroelectronics STLED325 Datasheet HTML 48Page - STMicroelectronics STLED325 Datasheet HTML 49Page - STMicroelectronics STLED325 Datasheet HTML 50Page - STMicroelectronics STLED325 Datasheet HTML 51Page - STMicroelectronics STLED325 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
Commands
STLED325
48/62
Doc ID 17576 Rev 1
In fixed address mode, the address command has to be sent followed by the display data.
When next byte of data is to be written, address command has to be sent again before new
display data byte.
When the user wants to read the RTC data from the specified memory location of RTC, the
user must first set the address of the RTC location using “Address Setting Command” after
which send the “Read RTC Register” command.
If the address pointer was located in the display memory location and user issues a “Read
RTC Register” command without sending the “Address Setting Command”, the RTC data is
read from the address location of the previous value of the RTC address pointer.
Thus before reading the RTC register data, the user must set the proper address for RTC
using “Address Setting Command”.
Prior to writing data to the RTC registers, the address of the RTC must be set using the
Address Setting command. Else, if the address pointer happens to be pointing at the LED
display memory, then the data will be written to the address location of the previous value in
the RTC address pointer. This is vice-versa true for the LED display memory.
7.3
Configuration data
Up to a maximum of 5-bytes are sent from LSB to MSB as configuration data. The 29-bytes
represent the following configuration information:
On power application, the normal operation mode and address increment mode is set with
the default display memory address set to 0x10 (start of display memory address location).
Refer to the display memory section.
In the auto increment address mode, the address command is sent once followed by the
data bytes.
Alternatively, the data command can be sent followed by the data bytes. In this case, when
new display data is to be written, the last value of the address will be used and then
MSB (b7)
LSB (b0)
Byte1
B7
B6
B5
B4
B3
B2
B1
B0
Decoded/Raw
RC setting
RC Protocol setting
Guard timer setting
Byte 2
B7
B6
B5
B4
B3
B2
B1
B0
Interrupt
config for
GPIO1
Interrupt
config for
GPIO0
Interrupt
enable config
for GPIOs
GPIO1
configuration
(input or
output)
GPIO0
configuration
(input or
output)
Digit 5 discrete
LED config
7-segment LED display
configuration setting
Byte 3
B7
B6
B5
B4
B3
B2
B1
B0
Not used
For display
enable
For display dimming setting
Byte 4
Front Panel Hot Key Bank 1
Byte 5
Front Panel Hot Key Bank 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com