Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 31Page - STMicroelectronics STLED325 Datasheet HTML 32Page - STMicroelectronics STLED325 Datasheet HTML 33Page - STMicroelectronics STLED325 Datasheet HTML 34Page - STMicroelectronics STLED325 Datasheet HTML 35Page - STMicroelectronics STLED325 Datasheet HTML 36Page - STMicroelectronics STLED325 Datasheet HTML 37Page - STMicroelectronics STLED325 Datasheet HTML 38Page - STMicroelectronics STLED325 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
STLED325
Electrical ratings
Doc ID 17576 Rev 1
35/62
4.3
Power consumption estimation
Each port of the STLED325 can sink a maximum current of 40 mA into an LED with a 3.4 V
forward voltage drop when operated from a supply voltage of 5.0 V. The minimum voltage
drop across the internal LED drivers is thus 5.0 - 3.4 = 1.6 V. The STLED325 can sink
8 x 40 = 320 mA when all outputs are operating as LED segment drivers at full current. On a
5.0 V supply, a STLED325 dissipates (5.0 V-3.4 V) x 320 mA = 512 mW when driving 8 of
these 3.4 V forward voltage drop LEDs at full current. If the application requires high drive
current, consider adding a series resistor to each LED to drop excessive drive voltage off-
chip.
If the forward voltage of the LED is lesser than 4.4 V (say 2.4 V), then the maximum power
dissipation of STLED325 when all segments are turned on will be (5 - 2.4) V x 320 mA =
832 mW. To lower the power dissipation, consider adding a small series resistor in the
supply. Another alternative is to in-crease the value of the RSET to lower the current of the
LEDs from 40 mA to say 30 or 20 mA.
The efficiency will be the power consumption in the LEDs divided by the input power
consumed.
Equation 1 Efficiency = Vdiode x Idiode / VCC x ICC
As an example, consider LED with forward voltage of VF = 2.4 V, Ipeak = 40 mA, VCC (max)
= 5.5 V, N=number of segments=8(max), D=duty cycle=15/16,
Power dissipation, PD (max) = 5 mA x 5.5 V + (5.5-2.4) V x (15/16) x 40 mA x 8 = 27.5 + 780
= 807.5 mW. To lower this value, add a series resistor with the supply.
Note that the above analysis is for a typical condition. If the VF is higher and the supply
voltage is lower than 5V, then it is recommended to operate the LED at a lower current than
40mA in order to have enough headroom for the digit and segment drivers so as not to affect
the brightness and matching.
Table 13.
Voltage drop estimation with RGB LED
LED
Typical forward
voltage
VF
Typical
current
Typical supply
voltage
Digit driver
drop
External
VF
Segment
driver
drop
Red
2.2 V
40 mA
5 V
1 V
2.2 V
1.8
Green
2.5 V
40 mA
5 V
1 V
2.5 V
1.5
Blue
3V
40 mA
5V
1V
3 V
1V
Table 14.
Capacitance (TA = 25°C, f = 1 MHz)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
CIN
Input capacitance
(all digital pins)
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com