Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 17Page - STMicroelectronics STLED325 Datasheet HTML 18Page - STMicroelectronics STLED325 Datasheet HTML 19Page - STMicroelectronics STLED325 Datasheet HTML 20Page - STMicroelectronics STLED325 Datasheet HTML 21Page - STMicroelectronics STLED325 Datasheet HTML 22Page - STMicroelectronics STLED325 Datasheet HTML 23Page - STMicroelectronics STLED325 Datasheet HTML 24Page - STMicroelectronics STLED325 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
STLED325
Functional description
Doc ID 17576 Rev 1
21/62
WDFEn = watchdog flag enable
12/24 = 12 hour or 24 hour format (‘0’ for 24-hour format and ‘1’ for 12-hour format). For 12
hour PM display, the 8th segment of last digit (digit 4) is driven to indicate PM mode through
a dot on the last digit.
It is recommended to fill the unused bits in the register map to 0 upon a cold boot up. The
timekeepers and alarm store data in BCD format, while the calibration, watchdog bits are in
binary format.
The structure of the frame is shown below. For RTC, all the Dig1 to Dig4 must be configured
to show the proper time.
Figure 8.
Keyscan and digit mapping
If the date programmed in the RTC exceeds a valid date value, then the RTC does not
function as desired. So the invalid dates should never be programmed into the RTC.
3.11.4
Setting alarm clock registers
Address locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to go
off at a prescribed time on a specific month, date, hour, minute, or second or repeat every
year, month, day, hour, minute, or second. It can also be programmed to go off while the
STLED325 is in the standby mode to serve as a system wake-up call.
Bits RPT6-RPT1 put the alarm in the repeat mode of operation. Codes not listed in the table
default to the once per second mode to quickly alert the user of an incorrect alarm setting.
Note that by default, the alarm repeat mode is enabled and by default the repeat frequency
is set to “once per year”.
Address locations 0Ah to 0Eh contain the alarm settings. The alarm can be configured to go
off at a prescribed time. The default repeat alarm mode is once per year. Programming the
RPT[6:1] bits changes the repeat alarm mode.
AM08722V1
Keyscan
Digit 5
(used for
discrete LED)
Dig 1
Dig 2
Dig 3
Dig 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com