Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 43Page - STMicroelectronics STLED325 Datasheet HTML 44Page - STMicroelectronics STLED325 Datasheet HTML 45Page - STMicroelectronics STLED325 Datasheet HTML 46Page - STMicroelectronics STLED325 Datasheet HTML 47Page - STMicroelectronics STLED325 Datasheet HTML 48Page - STMicroelectronics STLED325 Datasheet HTML 49Page - STMicroelectronics STLED325 Datasheet HTML 50Page - STMicroelectronics STLED325 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
STLED325
Commands
Doc ID 17576 Rev 1
47/62
Any subsequent data bytes in this case will be ignored.
On power application, the normal operation mode and address increment mode is set with
the default display memory address set to 0x10 (start of display memory address location).
Refer to the display memory section.
In the auto increment address mode, the address command is sent once followed by the
data bytes.
Alternatively, the data command can be sent followed by the data bytes. In this case, when
new display data is to be written, the last value of the address will be used and then
incremented. Upon reaching the last display memory address, the address jumps to 0x10,
as it represents the first address location of the display memory.
Table 27.
Data Write 2 command. B5 b4: 01
B1-b0
00
Reserved
01
Reserved (RC6 disable)
10
Reserved (RC6 enable)
11
Enter standby mode
Table 28.
Data Read 1 command. b5 b4: 10
b1-b0
00
Read Key (following 2 bytes will contain key data)
01
Read GPIO register (following 1 byte will contain the GPIO data with
MSB7: GPIO1 data and MSB6: GPIO0 data). This is the input monitor for
GPIO[1:0] for reading purpose. When b7 of subsequent byte is low, it
means that GPIO1 input is low and when it is high, it means that GPIO1
input is high. When b6 of subsequent byte is low, it means that GPIO0
input is low and when it is high, it means that GPIO0 input is high.
10
Read RC data (following four bytes are the address + command bytes from
RC)
11
Read Interrupt status register (refer to the Interrupt Flag section for
detailed description)
Table 29.
Data Read 2 command. b5 b4: 11
b1-b0
00
Reserved
01
Read configuration byte values (see section on configuration bytes)
10
Read LED display memory
11
Read RTC memory. Address command must be issued prior to reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com