Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 33Page - STMicroelectronics STLED325 Datasheet HTML 34Page - STMicroelectronics STLED325 Datasheet HTML 35Page - STMicroelectronics STLED325 Datasheet HTML 36Page - STMicroelectronics STLED325 Datasheet HTML 37Page - STMicroelectronics STLED325 Datasheet HTML 38Page - STMicroelectronics STLED325 Datasheet HTML 39Page - STMicroelectronics STLED325 Datasheet HTML 40Page - STMicroelectronics STLED325 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
STLED325
Electrical ratings
Doc ID 17576 Rev 1
37/62
Table 17.
Timing characteristics (TA = -40 to +85 °C, VCC = 5.0 V ± 10%, GND=0.0 V,
typical values are at 25 °C
)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Propagation delay
time
tPLZ
300
ns
CLK -> SDA
CL = 15 pF, RL = 10 kΩ
tPZL
100
ns
Rise time
tTZH1
2µs
CL =
300
pF
Seg1 to Seg12
Grid1 to Grid8,
Seg13/Grid16 to
Seg20/Grid9
tTZH2
0.5
µs
Fall time
tTHZ
120
µs
CL = 300 pF, Segn, Dign
Input capacitance
CI
15
pF
Mute active to
standby active
TM-S
2µs
GPIO edge to
interrupt trigger
Tirq
8µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com