Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 16Page - STMicroelectronics STLED325 Datasheet HTML 17Page - STMicroelectronics STLED325 Datasheet HTML 18Page - STMicroelectronics STLED325 Datasheet HTML 19Page - STMicroelectronics STLED325 Datasheet HTML 20Page - STMicroelectronics STLED325 Datasheet HTML 21Page - STMicroelectronics STLED325 Datasheet HTML 22Page - STMicroelectronics STLED325 Datasheet HTML 23Page - STMicroelectronics STLED325 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Functional description
STLED325
20/62
Doc ID 17576 Rev 1
3.11.2
Writing to the real time clock
The time and date may be set by writing to the RTC registers. The new RTC time can be
updated by writing to the RTC registers. The new time only takes affect after a complete
write cycle. If the write cycle is incomplete, the new time value is discarded. A single byte
may be written to the RTC without affecting the other bytes.
3.11.3
Register table for RTC
Legend:
Cal_Sign = Sign bit
OSC_ST = Oscillator Stop bit
BMB0 – BMB4 = watchdog multiplier bits
CB = Century bits
ABE = Alarm in battery back up mode enable bit
AFE = Alarm flag enable
RB0 – RB2 = watchdog resolution bits
RPT1 – RPT6 = alarm repeat mode bits
Table 2.
Register table for RTC
Addr
D7
D6
D5
D4
D3
D2
D1
D0
Functional/range BCD format
00h
Reserved
Reserved
01h
OSC_S
T
10 seconds
Seconds
Seconds
00-59
02h
Rsvd
10 minutes
Minutes
Minutes
00-59
03h
MD_HM_MS
10 hours
Hours (24 hours format)
Hours
00-23
04h
Rsvd
Rsvd
Rsvd
Rsvd
Rsvd
Day of week
Day
01-7
05h
Rsvd
Rsvd
10 date
Day of month
Date
01-31
06h
CB1
CB0
Rsvd
10M
Month
Century/month
0-3/01-12
07h
10 years
Year
Year
00-99
08h
12/24
Rsvd
Cal_sig
n
Calibration
Calibration
09h
RB2
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
AFE
Rsvd
ABE
AI 10M
Alarm month
Al month
01-12
0Bh
RPT4
RPT5
AI 10 date
Alarm date
Al date
01-31
0Ch
RPT3
RPT6
AI 10 hour
AIarm hour
AI hour
00-23
0Dh
RPT2
Alarm 10 minutes
Alarm minutes
Al min
00-59
0Eh
RPT1
Alarm 10 seconds
Alarm seconds
Al sec
00-59
0Fh
WDFEn
Alarm: day of week
Rsvd (bypass mode)
Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com