Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 18Page - STMicroelectronics STLED325 Datasheet HTML 19Page - STMicroelectronics STLED325 Datasheet HTML 20Page - STMicroelectronics STLED325 Datasheet HTML 21Page - STMicroelectronics STLED325 Datasheet HTML 22Page - STMicroelectronics STLED325 Datasheet HTML 23Page - STMicroelectronics STLED325 Datasheet HTML 24Page - STMicroelectronics STLED325 Datasheet HTML 25Page - STMicroelectronics STLED325 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Functional description
STLED325
22/62
Doc ID 17576 Rev 1
If the RPT value is other than the valid ones listed in the table, the default repeat alarm
mode is once per second so as to quickly alert the user of an incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT[6:1], then the alarm flag is set. Then if the alarm flag enable bit, is also set,
this will activate the alarm interrupt. Interrupt is cleared by reading the Interrupt registers.
3.11.5
Century bits
The clock shall include correction for leap years. The clock shall also correct for months
fewer than 31 days. Corrections for 28, 29 (leap year –valid until year 2100), 30, 31 day
months must be made automatically.
The two Century bits increment in a binary fashion at the turn of the century, and handles all
leap years correctly. See table for additional explanation.
Table 3.
Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
RPT6
Repeat alarm mode
1
1
1
1
1
1
Once per week
1
1
1
1
1
0
Once per second
1
1
1
1
0
0
Once per minute
1
1
1
0
0
0
Once per hour
1
1
0
0
0
0
Once per day
1
0
0
0
0
0
Once per month
00
0
0
0
0
Once per year
Table 4.
Century bits examples
CB[0]
CB[1]
Leap year?
Example (1)
1.
Leap year occurs every 4 years (for years evenly divisible by 4), except for years evenly divisible by 100.
The only exceptions are those years evenly divisible by 400. (The year 2000 was a leap year, year 2100 is
not.)
00
Yes
2000
0
1
No
2100
1
0
No
2200
1
1
No
2300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com