Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 29Page - STMicroelectronics STLED325 Datasheet HTML 30Page - STMicroelectronics STLED325 Datasheet HTML 31Page - STMicroelectronics STLED325 Datasheet HTML 32Page - STMicroelectronics STLED325 Datasheet HTML 33Page - STMicroelectronics STLED325 Datasheet HTML 34Page - STMicroelectronics STLED325 Datasheet HTML 35Page - STMicroelectronics STLED325 Datasheet HTML 36Page - STMicroelectronics STLED325 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
STLED325
Electrical ratings
Doc ID 17576 Rev 1
33/62
4
Electrical ratings
4.1
Absolute maximum ratings (TA = 25 °C, GND = 0 V)
Absolute maximum ratings are those values above which damage to the device may occur.
Functional operation under these conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability. All voltages are
referenced to GND.
Table 10.
Absolute maximum ratings (TA = 25 °C, GND = 0 V)
Symb
ol
Parameter
Value
Uni
t
VCC
Supply voltage to ground
-0.5 to +7.0
V
VI
Logic input voltage (KEY1, KEY2 inputs)
-0.5 to +7.0
V
VI
Logic input voltage (all input pins except KEY1, KEY2)
-0.5 to +3.6
V
PD
Power dissipation1
1200
mW
TA
Operating ambient temperature
-40 to 85
°C
TJ
Junction temperature
150
°C
TSTG
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
VESD
Electrostatic discharge voltage on all
pins2
Human body model
-2 to +2
kV
Table 11.
Thermal data
Symbol
Parameter
QFN 32
Unit
RTj-c
Thermal resistance junction-case
TBD
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com