Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 12Page - STMicroelectronics STLED325 Datasheet HTML 13Page - STMicroelectronics STLED325 Datasheet HTML 14Page - STMicroelectronics STLED325 Datasheet HTML 15Page - STMicroelectronics STLED325 Datasheet HTML 16Page - STMicroelectronics STLED325 Datasheet HTML 17Page - STMicroelectronics STLED325 Datasheet HTML 18Page - STMicroelectronics STLED325 Datasheet HTML 19Page - STMicroelectronics STLED325 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
Functional description
STLED325
16/62
Doc ID 17576 Rev 1
Figure 5.
Power-up condition
Note:
1
Guard timer is turned off by default upon READY assertion.
2
If Guard timer is to be kept on during READY high condition, the guard timer registers must
be set accordingly by proper commands through I2C bus.
3
In this power-up condition, Guard timer is triggered by internal POR pulse.
4
During power-up, the Guard timer value is 10s.
VCC to STLED325I
Internal POR
STBY
READY
MUTE
Guard timer counts up to 10s
1a) Power-up condition (normal behavior )
VCC to STLED325I
Internal POR
STBY
READY
MUTE
Guard timer counts up to 10s
1b) Power-up condition (processor not responding )
Count over
Due to abnormality in the processor, READY did not
change state from low to high, leading to STBY
assertion
READY asserts within 10s which is the desired
behavior, processor is active and not hung
READY continues to remain low/high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com