Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 13Page - STMicroelectronics STLED325 Datasheet HTML 14Page - STMicroelectronics STLED325 Datasheet HTML 15Page - STMicroelectronics STLED325 Datasheet HTML 16Page - STMicroelectronics STLED325 Datasheet HTML 17Page - STMicroelectronics STLED325 Datasheet HTML 18Page - STMicroelectronics STLED325 Datasheet HTML 19Page - STMicroelectronics STLED325 Datasheet HTML 20Page - STMicroelectronics STLED325 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
STLED325
Functional description
Doc ID 17576 Rev 1
17/62
3.10.2
Entering standby mode
The STLED325 controls the power to the main board using the STBY pin. During normal
operation, the STBY pin is a low level which externally controls a Power MOS switch to
enable power to the main board. The STLED325 asserts the STBY pin to a high when any
one of the following conditions occur:
– Processor fails to respond by enabling the READY pin within 10s upon first power-up
(cold boot up)
– Guard timer counts down to 0s
– Processor makes the READY pin to low (can happen in various conditions such as
user presses STBY key on front panel, STBY key on remote control, etc).
Figure 6.
Power down condition (normal behavior)
– Guard timer can be kept on during normal condition when READY is high (depending
on the user).
– In this condition, the guard timer can be disabled or enabled. If the guard timer is
enabled, the timer needs to be cleared before the programmed count of the timer is
reached. If the programmed count is reached, the STBY will be asserted.
– It is advisable not to enable the guard timer during normal operation.
READY
STBY
2a) Power-down condition (normal behavior )
MUTE
READY
STBY
2b) Power-down condition (abnormal behavior of processor )
MUTE
In this case the READY remains high and as long as
READY is high, the MUTE is low and STBY is low.
2 us
READY continues to remain high
Guard timer is not required here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com