Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 39Page - STMicroelectronics STLED325 Datasheet HTML 40Page - STMicroelectronics STLED325 Datasheet HTML 41Page - STMicroelectronics STLED325 Datasheet HTML 42Page - STMicroelectronics STLED325 Datasheet HTML 43Page - STMicroelectronics STLED325 Datasheet HTML 44Page - STMicroelectronics STLED325 Datasheet HTML 45Page - STMicroelectronics STLED325 Datasheet HTML 46Page - STMicroelectronics STLED325 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
STLED325
Commands
Doc ID 17576 Rev 1
43/62
7
Commands
A command sets the display mode and status of the LED driver.
The first 1 byte input to the STLED325 through the SDA pin after the slave address is
regarded as a command. If slave address is not transmitted before the commands/data are
transmitted, the commands/data being transmitted are invalid (however, the commands/data
already transmitted remain valid).
7.1
Configuration mode setting command
This command initializes the STLED325 and performs any one of the following functions:
i) Selects the duty factor (1/8 to 1/16 duty factor). When this command is executed, display
is turned off. To resume display, the display ON command must be executed. If the same
mode is selected, nothing is performed.
ii) Selects the remote control protocol to use.
iii) Sets the guard timer. The guard timer is configurable from 1 to 15s or turned off
completely.
iv) Sets the guard timer action to perform when the guard timer counts. Two actions are
allowed: no action or set STBY to high level.
Bits b7-b6 = 00 is decoded as a configuration mode setting command. The subsequent bits
are de-coded as follows:
b5: enables wake-up from the external WAKE_UP pin
b4: enable for the display configuration setting change (number of digits)
b3: allows display of RTC (during normal or STBY modes)
b2: enables all RC keys as hot-keys
b1: enables all FPK keys as hot-keys
b0: enables the Guard Timer to issue STBY once the timer expires
Note:
When displaying the RTC during normal mode, if the µP is writing data to STLED325 using
I2C bus, the RTC display on LED momentarily turns off.
The first byte after the configuration command is in the following format:
Remote control protocol setting (bits b6-b4)
000: RC Disabled (default)
MSB
LSB
0
0
b5
b4
b3
b2
b1
b0
MSB
LSB
b7
b6
b5
b4
B3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com