Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 25Page - STMicroelectronics STLED325 Datasheet HTML 26Page - STMicroelectronics STLED325 Datasheet HTML 27Page - STMicroelectronics STLED325 Datasheet HTML 28Page - STMicroelectronics STLED325 Datasheet HTML 29Page - STMicroelectronics STLED325 Datasheet HTML 30Page - STMicroelectronics STLED325 Datasheet HTML 31Page - STMicroelectronics STLED325 Datasheet HTML 32Page - STMicroelectronics STLED325 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
STLED325
Functional description
Doc ID 17576 Rev 1
29/62
Figure 11.
Circuit
The minimum operating voltage of STLED325 is 2.5 V with a typical VBAT voltage of VCC-
VF (diode). Therefore, the typical delta voltage swing across the capacitor is
ΔV = VCC – VF – VCCmin
where VF is approximately 0.5 V. Therefore,
ΔV = 5 – 0.5 – 2.5 = 2 V
Since the typical battery current (IBAT) is limited to 7 µA, the capacitance and duration of
power-out time can be calculated using the formula:
I = C
ΔV/Δt
Where I = 7µA,
ΔV=2V, C= capacitance in Farads and Δt is power-out time in seconds.
Using a 0.1F super-cap, for example, the equation would be:
7µA = 0.1F x 2V/
Δt
Solving for
Δt, the typical power-down time is about 28,571 seconds = 8 hours.
3.17.1
Switchover
During the period the VCC falls, in order for the battery switchover circuit to work reliably, the
fall time of VCC from 5V to 0V should be at least 100µs. This is to allow the comparator to
trigger and switch from VCC to VBAT mode should there be a need. During the VCC rise
period from 0V to 5V, the rise time of VCC is not critical. This is indicated by the Figure 12.
Figure 12.
Battery switchover waveform
Also note that for battery operation, there will be a current spike of 5mA in 10us into the
battery when VCC to VBAT switchover happens. From VBAT to VCC switching, the current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com