Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 35Page - STMicroelectronics STLED325 Datasheet HTML 36Page - STMicroelectronics STLED325 Datasheet HTML 37Page - STMicroelectronics STLED325 Datasheet HTML 38Page - STMicroelectronics STLED325 Datasheet HTML 39Page - STMicroelectronics STLED325 Datasheet HTML 40Page - STMicroelectronics STLED325 Datasheet HTML 41Page - STMicroelectronics STLED325 Datasheet HTML 42Page - STMicroelectronics STLED325 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
STLED325
Electrical ratings
Doc ID 17576 Rev 1
39/62
4.5
ESD performance
Figure 13.
Power down/up mode ac waveforms
Table 20.
ESD performance
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ESD
MIL STD 883 method 3015
(all pins)
HBM
±2kV
Table 21.
Battery range and battery detect
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBAT(1)
1.
STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
Battery supply voltage
2.5
3
3.5(2)
2.
For rechargeable back-up, VBAT(max) may be considered VCC.
V
IBAT
Battery supply current
TA=25C,
VCC= 0 V, Oscillator
ON, VBAT=3 V
710
uA
Table 22.
Power down/up AC characteristics
Symbol
Parameter (1)(2)
1.
VCC fall time should not exceed 5mV/µs.
2.
Valid for ambient operating temperature: TA=-40 to 85, VCC = 2.5V to 5.5V (except where noted)
Min
Typ
Max
Unit
tpD
SCL and SDA at VIH before power down
0
ns
trec
SCL and SDA at VIH after power-up
10
µs
Table 23.
Power down/up trip points DC characteristics
Symbol
Parameter(1)(2)
Min
Typ
Max
Unit
VSO
Battery back-up switchover voltage
(from VCC to VBAT)
VCC < 3.5V
and
VCC < VBAT
V
VSO
Battery back-up switchover voltage
(from VBAT to VCC)
VCC > VBAT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com