Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 14Page - STMicroelectronics STLED325 Datasheet HTML 15Page - STMicroelectronics STLED325 Datasheet HTML 16Page - STMicroelectronics STLED325 Datasheet HTML 17Page - STMicroelectronics STLED325 Datasheet HTML 18Page - STMicroelectronics STLED325 Datasheet HTML 19Page - STMicroelectronics STLED325 Datasheet HTML 20Page - STMicroelectronics STLED325 Datasheet HTML 21Page - STMicroelectronics STLED325 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
Functional description
STLED325
18/62
Doc ID 17576 Rev 1
3.10.3
Wake-up
The STLED325 can wake-up from any one of the following sources:
– Front-panel keys
– Remote-control keys
– Real time clock (RTC) in 3 conditions (alarm, watchdog timer, oscillator fail)
– External wake-up pin (by a low to high transition on this pin)
– GPIO status changes
– READY pin goes from low to high
Figure 7.
Standby condition (normal behavior)
– When the hot-key is detected either from front-panel or remote control or RTC or from
a transition (low to high transition) on WAKE_UP pin during stand-by, the STBY pin
de-asserts.
– The de-assertion of the STBY triggers the guard timer.
– The timer value is the programmed value by the user (1-15s). If the user did not
change the value before entering standby, then it remains 10s.
– Also note that the guard timer is off when the STLED325 is in the standby mode.
The guard timer is thus triggered by a de-assertion of the STBY signal or by internal power
on reset signal.
STBY
3a) Standby condition (normal behavior )
Hot key command from IR
or Key pad or RTC or WAKE_UP for wake up
READY
MUTE
STBY
3b) Standby condition (abnormal behavior , processor is not responding)
Hot key command from IR
or Key pad or RTC or WAKE_UP for wake up
READY
MUTE
READY continues to remain low
Signals STBY after
guard timer count is over
Guard timer triggers
READY asserts within programmed timer value (1s-15s)
Guard timer
triggers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com