Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 27Page - STMicroelectronics STLED325 Datasheet HTML 28Page - STMicroelectronics STLED325 Datasheet HTML 29Page - STMicroelectronics STLED325 Datasheet HTML 30Page - STMicroelectronics STLED325 Datasheet HTML 31Page - STMicroelectronics STLED325 Datasheet HTML 32Page - STMicroelectronics STLED325 Datasheet HTML 33Page - STMicroelectronics STLED325 Datasheet HTML 34Page - STMicroelectronics STLED325 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
STLED325
Functional description
Doc ID 17576 Rev 1
31/62
3.18
Bus characteristics
The bus is intended for communication between different ICs. It consists of two lines: a bi-
directional data signal (SDA) and a clock signal (SCL). Both the SDA and SCL lines must be
connected to a positive supply voltage (typical voltage is 3.3 V) via a pull-up resistor (typical
value is 10 K). The following protocol has been defined.
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is High.
- Changes in the data line, while the clock line is High, will be interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain High.
Start data transfer: A change in the state of the data line, from high to Low, while the clock
is High, defines the START condition.
Stop data transfer: A change in the state of the data line, from Low to High, while the clock
is High, defines the STOP condition.
Data valid: The state of the data line represents valid data when after a start condition, the
data line is stable for the duration of the high period of the clock signal. The data on the line
may be changed during the Low period of the clock signal. There is one clock pulse per bit
of data.
Each data transfer is initiated with a start condition and terminated with a stop condition.
The number of data bytes transferred between the start and stop conditions is not limited.
The information is transmitted byte-wide and each receiver acknowledges with a ninth bit.
By definition a device that gives out a message is called “transmitter,” the receiving device
that gets the message is called “receiver.” The device that controls the message is called
“master.” The devices that are controlled by the master are called “slaves.”
Acknowledge: Each byte of eight bits is followed by one Acknowledge Bit. This
Acknowledge Bit is a low level put on the bus by the receiver whereas the master generates
an extra acknowledge related clock pulse. A slave receiver which is addressed is obliged to
generate an acknowledge after the reception of each byte that has been clocked out of the
master transmitter.
The device that acknowledges has to pull down the SDA line during the acknowledge clock
pulse in such a way that the SDA line is a stable Low during the High period of the
acknowledge related clock pulse. Of course, setup and hold times must be taken into
account. A master receiver must signal an end of data to the slave transmitter by not
generating an acknowledge on the last byte that has been clocked out of the slave. In this
case the transmitter must leave the data line High to enable the master to generate the
STOP condition.
Note:
Refer to Philips I2C specification or contact STMicroelectronics for more information on I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com