Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 40Page - STMicroelectronics STLED325 Datasheet HTML 41Page - STMicroelectronics STLED325 Datasheet HTML 42Page - STMicroelectronics STLED325 Datasheet HTML 43Page - STMicroelectronics STLED325 Datasheet HTML 44Page - STMicroelectronics STLED325 Datasheet HTML 45Page - STMicroelectronics STLED325 Datasheet HTML 46Page - STMicroelectronics STLED325 Datasheet HTML 47Page - STMicroelectronics STLED325 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Commands
STLED325
44/62
Doc ID 17576 Rev 1
001: Philips RC-6 (optional only enabled for Philips)
010: Philips RC-5
011: Philips RCMM
100: NEC
101: R-STEP
110: Thomson R2000
111: Thomson RCA
When b7=‘0’, incoming RC data is output on SDA in decoded format where the Device
Address, Start Bit, Toggle Bit and Data Bits are sent. Note that the default location is 0x00
for the first device address. This order of the bits sent is in the same format as the incoming
RC data.
When b7=‘1’, incoming raw data (no header information) is output on SDA.
Address decoding is still performed to decode the corresponding RC protocol. The format of
the data on SDA corresponds to the format of the respective RC frame.
For details, refer to the RC protocol section of the datasheet.
GUARD TIMER SETTING (bits b3-b0)
0000: Turned off (guard timer disabled)
0001: 1 seconds
0010: 2 seconds
1111: 15 seconds
The second byte after the configuration command is in the following format:
7-Segment display mode setting (bits b1-b0)
00: 1 digit, 8 segments (Digit 1 pin output is enabled)
01: 2 digits, 8 segments (Digit 1 and Digit 2 pin outputs are enabled)
10: 3 digits, 8 segments (Digit 1, Digit 2 and Digit 3 outputs are enabled)
11: 4 digits, 8 segments (Digit 1, Digit 2, Digit 3 and Digit 4 outputs are enabled)
b2: configuration for the digital outputs of the chip
b2 = 1 will enable the outputs of the chip to be push pull type to 1.8V
b2 = 0 will enable the outputs of the chip to be open-drain (can be externally pulled up to
3.3V)
b3: configuration for the GPIO0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com