Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 45Page - STMicroelectronics STLED325 Datasheet HTML 46Page - STMicroelectronics STLED325 Datasheet HTML 47Page - STMicroelectronics STLED325 Datasheet HTML 48Page - STMicroelectronics STLED325 Datasheet HTML 49Page - STMicroelectronics STLED325 Datasheet HTML 50Page - STMicroelectronics STLED325 Datasheet HTML 51Page - STMicroelectronics STLED325 Datasheet HTML 52Page - STMicroelectronics STLED325 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
STLED325
Commands
Doc ID 17576 Rev 1
49/62
incremented. Upon reaching the last display memory address, the address jumps to 0x10,
as it represents the first address location of the display memory.
In fixed address mode, the address command has to be sent followed by the display data.
When next byte of data is to be written, address command has to be sent again before new
display data byte.
When the user wants to read the RTC data from the specified memory location of RTC, the
user must first set the address of the RTC location using “Address Setting Command” after
which send the “Read RTC Register” command.
If the address pointer was located in the display memory location and user issues a “Read
RTC Register” command without sending the “Address Setting Command”, the RTC data is
read from the ad-dress location of the previous value of the RTC address pointer.
Thus before reading the RTC register data, the user must set the proper address for RTC
using “Address Setting Command”.
Prior to writing data to the RTC registers, the address of the RTC must be set using the
Address Setting command. Else, if the address pointer happens to be pointing at the LED
display memory, then the data will be written to the address location of the previous value in
the RTC address pointer. This is vice-versa true for the LED display memory.
7.3.1
Interrupt flags
The interrupt is sent on the IRQ_N pin when any one of the event occurs (FP key pressed,
RC key pressed or preset value of RTC/guard timer is triggered or activity on WAKE_UP pin
or GPIO pins). Simultaneously, the interrupt flags are set. The micro-processor can read the
interrupt flags by send-ing the read interrupt flag register command. The following 16-bit
data is read by the processor after sending this command. This enables the microprocessor
to know what caused the interrupt to occur. If the host sees an interrupt issued from first
byte, it is not necessary to read the second byte.
Figure 17.
Interrupt bit mapping in Byte 1
Byte 1:
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com