Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 7Page - STMicroelectronics STLED325 Datasheet HTML 8Page - STMicroelectronics STLED325 Datasheet HTML 9Page - STMicroelectronics STLED325 Datasheet HTML 10Page - STMicroelectronics STLED325 Datasheet HTML 11Page - STMicroelectronics STLED325 Datasheet HTML 12Page - STMicroelectronics STLED325 Datasheet HTML 13Page - STMicroelectronics STLED325 Datasheet HTML 14Page - STMicroelectronics STLED325 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
STLED325
Functional description
Doc ID 17576 Rev 1
11/62
3
Functional description
The STLED325 is a common anode LED driver controller which can be used to drive red,
green or blue LEDs as the current is adjustable through the external resistor. In the common
anode configuration, the digit outputs source the current to the anodes while the segment
outputs sink the current from the cathodes. The configurable output current can be used to
drive LEDs with different current ratings (red, green or blue). The brightness can be
controlled through the I2C interface as described later. The outputs can be connected
together in parallel to drive a single LED. In this case, two parallel current sources of equal
value drive a single LED. The external resistor value can be set accordingly to determine the
desired output current.
Soft-start limits the inrush current during power-up. The built-in thermal protection turns off
the display when the temperature exceeds 140°C with a small hysteresis of 15°C. The
display is blanked (LEDs are turned off or in high-Z state) on power-up.
3.1
Low power mode of operation
When not used, the STLED325 goes into low power mode of operation wherein the current
consumption drops to less than 1 mA. During this mode, the data configured is maintained
as long as the supply voltage is still present (the contents of the internal RAM need the
supply voltage to be present). Port configuration and output levels are restored when the
STLED325 is taken out of shutdown. For minimum supply current in shutdown mode, logic
inputs should be at GND or VCC.
3.2
I2C serial interface
The interface is used to write configuration and display data to the STLED325. The serial
interface comprises of a shift register into which SDA is clocked on the rising edge of the
SCL after a valid start of communication. When communication is stopped, transitions on
SCL do not clock in the data. During this time, the data are parallel-loaded into a latch. The
8-bit data is then decoded to determine and execute the command.
For an overflow condition, if more bytes are written, then they are ignored whereas if more
bytes are read, then the extra bytes are stuffed with 1’s.
3.3
Initial power up
On initial power-up, all control registers are reset, the display is blanked and the STLED325
is in the low-power mode. All the outputs are in high-impedance state at initial power-up.
The SDA is pulled high by an external pull-up resistor. The display driver has to be
configured before the display can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com