Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 38Page - STMicroelectronics STLED325 Datasheet HTML 39Page - STMicroelectronics STLED325 Datasheet HTML 40Page - STMicroelectronics STLED325 Datasheet HTML 41Page - STMicroelectronics STLED325 Datasheet HTML 42Page - STMicroelectronics STLED325 Datasheet HTML 43Page - STMicroelectronics STLED325 Datasheet HTML 44Page - STMicroelectronics STLED325 Datasheet HTML 45Page - STMicroelectronics STLED325 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
KEY matrix and key-input data storage RAM
STLED325
42/62
Doc ID 17576 Rev 1
6
KEY matrix and key-input data storage RAM
The key matrix is of 8x2 configuration, as shown below:
Figure 15.
KEY matrix and key-input data storage RAM
The data of each key are stored as illustrated below, and are read by the appropriate read
command, starting from the least significant bit.
All the front panel keys can be configured as hot keys using the “configuration mode setting
command”. Alternatively, any number of keys out of 16 keys can be programmed for hot key
functions by using the hot-key setting command.
It is recommended to read the hot key values immediately upon STBY de-assertion. If they
are not read within the guard preset timer value, the hot key data are cleared.
It is recommended to have 10 K
Ω pull down resistors on the KEY1 and KEY2 input pins and
the output SEG/KS pins can see a maximum load of 300pF. This load condition is important
for the key dis-charge cycle time.
Key 1
Key 2
Key 1
Key 2
Key 1
Key 2
Key 1
Key 2
Seg1
KS1
Seg2
KS2
Seg3
KS3
Seg4
KS4
Seg5
KS5
Seg6
KS6
Seg7
KS7
Seg8
KS8
b0
b1
b2
b3
b4
b5
b6
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com