Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 26Page - STMicroelectronics STLED325 Datasheet HTML 27Page - STMicroelectronics STLED325 Datasheet HTML 28Page - STMicroelectronics STLED325 Datasheet HTML 29Page - STMicroelectronics STLED325 Datasheet HTML 30Page - STMicroelectronics STLED325 Datasheet HTML 31Page - STMicroelectronics STLED325 Datasheet HTML 32Page - STMicroelectronics STLED325 Datasheet HTML 33Page - STMicroelectronics STLED325 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Functional description
STLED325
30/62
Doc ID 17576 Rev 1
spike is very low into the battery. The battery must be protected against such spikes. This is
not relevant for super-cap.
During the switching from VBAT to VCC, the I2C is active after a minimum of 5ms.
3.17.2
Battery low warning
The STLED325 automatically performs battery voltage monitoring upon power-up. If the
interrupt for this condition (ABE) is enabled, the RTC will generate an interrupt pulse if the
battery voltage is found to be less than a minimum of 2.5V. However, this condition is
unlikely to go away very quickly as time is needed for the battery to be replaced, and it is not
desirable to keep issuing an interrupt.
Therefore when this bit is set, this condition is checked once every week. If the condition is
still true, then interrupt is sent again.
The ABE bit is an enable bit for battery status check. If the ABE bit was set and the battery
low is generated during a power up sequence, this indicates that the battery is below
approximately 2.5 V and may not be able to maintain data integrity. At this point, a fresh
battery needs to be installed or the super-cap recharged.
This situation only occurs when a battery is used but not with a super-cap as the super-cap
re-charges when the supply is present.
3.17.3
Different power operation modes
The device is capable to support the different power modes as shown in the Table 8.
Table 8.
Different power operation modes
VCC
VBAT
Condition
Operation
Present
Present
VCC > VBAT
Normal operation of
chip from VCC
Present
Absent (Float or 0V)
VCC > VBAT and
VCC > 3.5V
Normal operation of
chip from VCC until VCC
is 3.5V
Absent (Float or 0V)
Present
VBAT > 2.5V
Chip operations from
VBAT in a low power
mode of operation
VCC < 3.5V
VBAT > VCC
Chip operations from
VBAT in a low power
mode of operation
Absent (Float or 0V)
Absent (Float or 0V)
VCC < 3.5V and
VBAT < 2.5V
Chip does not function.
Completely shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com