Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 41Page - STMicroelectronics STLED325 Datasheet HTML 42Page - STMicroelectronics STLED325 Datasheet HTML 43Page - STMicroelectronics STLED325 Datasheet HTML 44Page - STMicroelectronics STLED325 Datasheet HTML 45Page - STMicroelectronics STLED325 Datasheet HTML 46Page - STMicroelectronics STLED325 Datasheet HTML 47Page - STMicroelectronics STLED325 Datasheet HTML 48Page - STMicroelectronics STLED325 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
STLED325
Commands
Doc ID 17576 Rev 1
45/62
b3 = 0 enables the GPIO0 as input
b3 = 1 enables the GPIO0 as output
b4: configuration for the GPIO1
b4 = 0 enables the GPIO1 as input
b4 = 1 enables the GPIO1 as output
b5 = interrupt enable register bit for GPIO (applies to both GPIO0 and GPIO1)
b5 = 0 disables the interrupt generation from any of the two GPIOs
b5 = 1 enables the interrupt generation from any of the two GPIOs inputs change
b6 = configuration of the edge trigger for GPIO0 (works only when b5 is enabled)
b6 = 0 sends interrupt when GPIO0 triggers from a high to a low
b6 = 1 sends interrupt when GPIO0 triggers from a low to a high
b7 = configuration of the edge trigger for GPIO1 (works only when b5 is enabled)
b7 = 0 sends interrupt when GPIO1 triggers from a high to a low
b7 = 1 sends interrupt when GPIO1 triggers from a low to a high
The minimum pulse width for a valid GPIO detection must be 8us minimum.
Upon power application, the following modes are selected:
Display mode setting: the 4-digit, 8-segment mode is selected (default: display off and
keyscan on).
Remote control protocol setting: RC-5.
Guard timer setting: turned on with 10s. After the first command is processed by STLED325,
the guard timer is turned off until it is turned on by the host.
Guard timer action: Issue Standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com