Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 42Page - STMicroelectronics STLED325 Datasheet HTML 43Page - STMicroelectronics STLED325 Datasheet HTML 44Page - STMicroelectronics STLED325 Datasheet HTML 45Page - STMicroelectronics STLED325 Datasheet HTML 46Page - STMicroelectronics STLED325 Datasheet HTML 47Page - STMicroelectronics STLED325 Datasheet HTML 48Page - STMicroelectronics STLED325 Datasheet HTML 49Page - STMicroelectronics STLED325 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Commands
STLED325
46/62
Doc ID 17576 Rev 1
7.2
Data setting command
This command sets the data-write and data-read modes.
Description:
Bits b7-b6 = 01 is decoded as a data setting command. The subsequent bits are
decoded as follows:
b5 b4 = 00: data write command (see bits b1-b0)
b5 b4 = 01: data write 1 command (see bits b1-b0)
b5 b4 = 10: data read 1 command (see bits b1-b0)
b5 b4 = 11: data read 3 command (see bits b1-b0)
b3: clear the guard timer (no change in guard time)
b2: when set to a 1, the guard timer is forced to enable and starts the count again.
While in normal mode, the count starts
Note 1: The following byte with MSB7 and MSB6 corresponds to GPIO[1:0] for data to be
written into GPIO1 and GPIO0 when they are configured as outputs.
Figure 16.
Data write command (b7 b6) for GPIO
When b7 is 1, it drives logic 1 on GPIO1 output and when it is 0, it drives logic 0 on GPIO1
output.
When b6 is 1, it drives logic 1 on GPIO0 output and when it is 0, it drives logic 0 on GPIO0
output.
MSB
LSB
0
1
b5
b4
b3
b2
b1
b0
Table 26.
Data write command. b5 b4: 00
b1-b0
00
Write memory (display or RTC) – Address range: 0x00-0x0F. Start
address pointer location is 0x00.
01
Write memory (display). Address range: 0x10-0x13. Start ad-dress
pointer location is 0x10.
10
Write memory (discrete LED). Address: 0x14.
11
Write data into GPIOs if they are configured as outputs (see note 1)
MSB7
RSVD
MSB6
RSVD
RSVD
RSVD
RSVD
RSVD
MSB
LSB
GPIO1
GPIO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com