Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 34Page - STMicroelectronics STLED325 Datasheet HTML 35Page - STMicroelectronics STLED325 Datasheet HTML 36Page - STMicroelectronics STLED325 Datasheet HTML 37Page - STMicroelectronics STLED325 Datasheet HTML 38Page - STMicroelectronics STLED325 Datasheet HTML 39Page - STMicroelectronics STLED325 Datasheet HTML 40Page - STMicroelectronics STLED325 Datasheet HTML 41Page - STMicroelectronics STLED325 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
Electrical ratings
STLED325
38/62
Doc ID 17576 Rev 1
4.4
Oscillator and crystal characteristics
Table 19.
Crystal electrical characteristics
Note:
1
Oscillator is not production tested.
2
Externally supplied. ST recommends the Citizen CFS-145 (1.5 x 5 mm) and the KDS DT-38
(3 x 8 mm) for thru-hole, or the KDS DMX-26S(3.2x8mm) for surface-mount, tuning fork-
type quartz crystals. KDS can be contacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp
Citizen can be contacted at csd@citizen-americal.com or http://www.citizencrystal.com
3
Circuit board layout considerations for the 32.768KHz crystal of minimum trace lengths and
isolation from RF generating signals should be taken into account.
4
Guaranteed by design.
Table 18.
Oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VSTA
Oscillator start voltage
≤10 seconds
1.5
V
tSTA
Oscillator start time
VCC = 3.0 V
1
s
CL1
XIN
25
pF
CL2
XOUT
25
pF
IC-to-IC frequency
variation(1)
1.
Reference value. TA = 25 deg C, VCC = 3.0 V, CFM-145 (CL = 6 pF, 32.768 KHz) manufactured by Citizen.
-20
+20
Ppm
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fo
Resonant
frequency(1)
1.
Externally supplied. ST recommends the Citizen CFS-145 (1.5 x 5 mm) and the KDS DT-38 (3 x 8 mm) for
thru-hole, or the KDS DMX-26S(3.2x8mm) for surface-mount, tuning fork-type quartz crystals. KDS can be
contacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp. Citizen can be contacted at csd@citizen-
americal.com or http://www.citizencrystal.com
32.768
KHz
Rs
Series resistance(2)
2.
Circuit board layout considerations for the 32.768KHz crystal of minimum trace lengths and isolation from
RF generating signals should be taken into account.
35
40(3)
k
Ω
CL
Load capacitance
12.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com