Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 30Page - STMicroelectronics STLED325 Datasheet HTML 31Page - STMicroelectronics STLED325 Datasheet HTML 32Page - STMicroelectronics STLED325 Datasheet HTML 33Page - STMicroelectronics STLED325 Datasheet HTML 34Page - STMicroelectronics STLED325 Datasheet HTML 35Page - STMicroelectronics STLED325 Datasheet HTML 36Page - STMicroelectronics STLED325 Datasheet HTML 37Page - STMicroelectronics STLED325 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Electrical ratings
STLED325
34/62
Doc ID 17576 Rev 1
4.2
Recommended operating conditions
4.2.1
DC electrical characteristics
(TA = -40 to +85 °C, VCC = 5.0 V ± 10%, GND = 0 V)
Table 12.
DC electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Uni
t
VCC
External supply voltage
4.5
5.0
5.5
V
VREG
Internal logic supply voltage and
regulator output
1.62
1.8
1.98
V
VIH
HIGH level input voltage (all digital
pins except KEY1 and KEY2)
High level
guaranteed
1.35
1.98
V
VIL
LOW level input voltage (all digital
pins except KEY1 and KEY2)
Low level
guaranteed
00.45
V
VIH
HIGH level input voltage (KEY1 and
KEY2 pins)
High level
guaranteed
35.5
V
VIL
LOW level input voltage (KEY1 and
KEY2 pins)
Low level
guaranteed
02
V
IIH, IIL
Input current (all pins)
VIN = VIH or VIL
-2
2
µA
VHYS
Hysteresis voltage (digital pins)
0.2
V
VOL
Low level output voltage (Digital
output pins)
IOL2 = 4 mA
0.4
V
IOLEAK
Driver leakage current
Drivers off
-150
µA
ISEG
Segment drive LED sink current
VLED = VF = 2.5 V
VDIGIT = VCC – 1.0
-30
-40
-50
mA
IDIG
Digit drive LED source current
VDIGIT = VCC – 1.0
240
320
400
mA
ITOLSEG
Segment drive current matching
VCC=5.0 V,
TA=25°C
VLED=2.5V; LED
current = 40 mA
±4.0
%
RSET
External current setting reference
resistor (precision =
±1% tolerance)
ISEG = 40 mA
360
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com