Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 24Page - STMicroelectronics STLED325 Datasheet HTML 25Page - STMicroelectronics STLED325 Datasheet HTML 26Page - STMicroelectronics STLED325 Datasheet HTML 27Page - STMicroelectronics STLED325 Datasheet HTML 28Page - STMicroelectronics STLED325 Datasheet HTML 29Page - STMicroelectronics STLED325 Datasheet HTML 30Page - STMicroelectronics STLED325 Datasheet HTML 31Page - STMicroelectronics STLED325 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
Functional description
STLED325
28/62
Doc ID 17576 Rev 1
Figure 10.
Power sense circuit
For the STLED325 itself, there is the normal operational mode where the supply is from the
5V VCC. When the VCC drops below a pre-defined low level, the supply source is switched
from the VCC to the battery or super-cap supply.
To conserve power and maintain long battery life in this battery supply mode, only the RTC
and the clock to the RTC remain operational.
1.
The system will only go into battery mode while:
Vcc < 3.5 V and Vcc < Vbat.
So, it means that the system will only switch to battery mode when Vcc drop below 3.5V and
Battery voltage is higher VCC voltage.
2.
The system will enter back into Vcc mode from battery mode while:
VCC > Vbat
It means that the system will switch back to Vcc mode as soon as the VCC is higher than
Vbat.
The STLED325 continually monitors Vcc for an out-of-tolerance condition. Should VCC fall
below the Switchover voltage (VSO = 3.5 V), the device goes into a low-power mode. Inputs
to the device will not be recognized at this time to prevent any erroneous data or outcome
from device. The device also automatically switches over to the battery and powers down
into an ultra low current mode of operation to maximize the super-cap or battery duration. As
system power returns and VCC rises above Vbat, the battery or super-cap is disconnected
and the power supply is switched to the external VCC. During the battery or super-cap back-
up mode, the clock registers of RTC are maintained by the attached battery or super-cap.
On power-up, when VCC returns to a nominal value, write protection continues for tREC (refer
to timing diagram in later part of spec).
Upon power-up, the device switches from battery to VCC when VCC > Vbat. When VCC rises
above Vbat, it will recognize the inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com