Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED325 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STLED325
Description  Standby power management to host
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED325 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STLED325 Datasheet HTML 53Page - STMicroelectronics STLED325 Datasheet HTML 54Page - STMicroelectronics STLED325 Datasheet HTML 55Page - STMicroelectronics STLED325 Datasheet HTML 56Page - STMicroelectronics STLED325 Datasheet HTML 57Page - STMicroelectronics STLED325 Datasheet HTML 58Page - STMicroelectronics STLED325 Datasheet HTML 59Page - STMicroelectronics STLED325 Datasheet HTML 60Page - STMicroelectronics STLED325 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
STLED325
Application information
Doc ID 17576 Rev 1
57/62
10.3
Application diagram
Figure 22.
Application schematic
Resistors:
RSET = external resistor for current setting
R1 = 1-10 KO SDA external pull-up resistor
R2 = 1-10 KO SCL external pull-up resistor
R3 = 1-10 KO IRQ_N external pull-up resistor
R4-R5 = 10 KO external key-matrix pull-down resistors
Capacitors:
C1 = 33 µF (25 V) electrolytic
C2 = 0.01-0.1µF (25V) ceramic
Creg=0.1 uF
CL1 = CL2 = 25pF
Diodes
D1-D8 = 1N4148
Supply voltage
VCC = 5 V ± 10%
AM08725V1
Main CPU
Keyscan
(8x2 m atrix)
SCL
SDA
STLED 325
ISET
LE D 4 -D igit 7 -segm ent
(+ dot
-point)
Display panel
With som e individual LE D s
RSET
KEY1-KEY 2
4
SEG 1/KS 1
-SEG 8/KS8
DIG 1-DIG 4
R1
C1
C2
R4
R5
D1
D2
D3
D4
D5
D6
D7
D8
GND
GND
GND
R2
IR rem ote
control
sensor
IR _IN
IRQ _N
STBY
R3
Crystal
(32.768KHz)
XI
XO
CL1
CL2
READY
DIG 5
VBAT
W AKE_UP
MUTE
VCC
Creg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com