Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2004 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STTS2004
Description  16 bytes Page Write within 5 ms
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2004 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STTS2004 Datasheet HTML 50Page - STMicroelectronics STTS2004 Datasheet HTML 51Page - STMicroelectronics STTS2004 Datasheet HTML 52Page - STMicroelectronics STTS2004 Datasheet HTML 53Page - STMicroelectronics STTS2004 Datasheet HTML 54Page - STMicroelectronics STTS2004 Datasheet HTML 55Page - STMicroelectronics STTS2004 Datasheet HTML 56Page - STMicroelectronics STTS2004 Datasheet HTML 57Page - STMicroelectronics STTS2004 Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
DocID024229 Rev 3
55/58
STTS2004
Package mechanical data
58
Figure 25. Reel schematic
Note:
The dimensions given in Table 37 incorporate tolerances that cover all variations on critical
parameters.
A
D
B
Full radius
Tape slot
In core for
Tape start
2.5mm min.width
G measured
At hub
C
N
40mm min.
Access hole
At slot location
T
AM04928v1
Table 37. Reel dimensions for 8 mm carrier tape - TDFN8 package
A
(max)
B
(min)
C
D
(min)
N
(min)
G
T
(max)
180 mm
(7-inch)
1.5 mm
13 mm
0.2 mm
20.2 mm
60 mm
8.4 mm
+ 2/–0 mm
14.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com